Electronic Components Datasheet Search
  English  ▼

X  

ICS83115BRLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS83115BRLF
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83115BRLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS83115BRLF Datasheet HTML 1Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 2Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 3Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 4Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 5Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 6Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 7Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 8Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev C 3/20/15
4
LOW SKEW, 1-TO-16 LVCMOS/LVTTL FANOUT BUFFER
83115 DATA SHEET
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
DD/2. See Parameter Measurement Information, Output Load Test Circuit diagram.
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to VDD/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDD/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions.
Using the same type of inputs on each device, the outputs are measured at VDD/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
OE0:OE2
2
VDD + 0.3
V
IN
2
VDD + 0.3
V
VIL
Input Low Voltage
OE0:OE2
-0.3
0.8
V
IN
-0.3
1.3
V
IIH
Input High Current
OE0:OE2
VDD = VIN = 3.465V
5
µA
IN
VDD = VIN = 3.465V
150
µA
IIL
Input Low Current
OE0:OE2
VDD = 3.465V, VIN = 0V
-150
µA
IN
VDD = 3.465V, VIN = 0V
-5
µA
VOH
Output High Voltage; NOTE 1
VDD = 3.3V ± 5%
2.6
V
VOL
Output Low Voltage; NOTE 1
VDD = 3.3V ± 5%
0.5
V
IOZL
Output Hi-Z Current Low
5µA
IOZH
Output Hi-Z Current High
5µA
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
200
MHz
tjit(
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
Integration Range:
12kHz – 20MHz
0.09
ps
tpLH
Propagation Delay; NOTE 1
ƒ
 200MHz
1.7
2.4
3.1
ns
tsk(o)
Output Skew; NOTE 2, 4
Measured on the Rising Edge
@ VDD/2
150
250
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
Measured on the Rising Edge
@ VDD/2
800
ps
tR / tF
Output Rise/Fall Time4
20% to 80%
400
800
ps
odc
Output Duty Cycle
45
55
%
tEN
Output Enable Time
20
ns
tDIS
Output Disable Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com