Electronic Components Datasheet Search
  English  ▼

X  

ICS83115BRLF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS83115BRLF
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83115BRLF Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS83115BRLF Datasheet HTML 1Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 2Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 3Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 4Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 5Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 6Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 7Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 8Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
Low Skew, 1-TO-16 LVCMOS/LVTTL
Fanout Buffer
83115
83115 Rev C 3/20/15
1
©2015 Integrated Device Technology, Inc.
4
4
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
IN
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
OE0
GND
OE1
OE2
VDD
General Description
The 83115 is a low skew, 1-to-16 LVCMOS/ LVTTL Fanout Buffer
from IDT. The 83115 single-ended clock input accepts LVCMOS or
LVTTL input levels. The 83115 operates at full 3.3V supply mode
over the commercial temperature range. Guaranteed output and
part-to-part skew characteristics make the 83115 ideal for those
clock distribution applications demanding well defined
performance and repeatability.
Features
• Sixteen LVCMOS / LVTTL outputs, 15output impedance
• One LVCMOS / LVTTL clock input
• Maximum output frequency: 200MHz
• All inputs are 5V tolerant
• Output skew: 250ps (maximum)
• Part-to-part skew: 800ps (maximum)
• Additive phase jitter, RMS: 0.09ps (typical)
• Full 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
83115
28-Lead SSOP, 150mil
9.9mm x 3.9mm x 1.5mm package body
R Package
Top View
1
2
3
4
5
6
7
28
27
26
25
24
23
22
8
9
10
11
12
13
14
21
20
19
18
17
16
15
Q15
Q14
Q13
Q12
Q11
Q10
Q9
Q8
GND
GND
OE2
OE0
VDD
VDD
VDD
VDD
Q1
Q2
Q3
Q4
Q5
Q6
Q7
IN
GND
GND
Q0
OE1
Pin Assignment
Block Diagram


Similar Part No. - ICS83115BRLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83115BRLF ICST-ICS83115BRLF Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
logo
Renesas Technology Corp
ICS83115BRLF RENESAS-ICS83115BRLF Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
logo
Integrated Circuit Syst...
ICS83115BRLFT ICST-ICS83115BRLFT Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
logo
Renesas Technology Corp
ICS83115BRLFT RENESAS-ICS83115BRLFT Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
More results

Similar Description - ICS83115BRLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8312 ICST-ICS8312 Datasheet
253Kb / 12P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 14, 2004
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8343-01 ICST-ICS8343-01 Datasheet
133Kb / 10P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
ICS8343I-01 ICST-ICS8343I-01 Datasheet
237Kb / 11P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
83115I IDT-83115I Datasheet
161Kb / 11P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8343-01 RENESAS-8343-01 Datasheet
597Kb / 14P
Low Skew, 1-TO-16 LVCMOS / LVTTL Fanout Buffer
08/25/14
83115 RENESAS-83115 Datasheet
354Kb / 12P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
Rev C 3/20/15
83115I RENESAS-83115I Datasheet
353Kb / 12P
Low Skew, 1-to-16 LVCMOS/LVTTL Fanout Buffer
Rev B 4/28/15
ICS8304-02 RENESAS-ICS8304-02 Datasheet
412Kb / 14P
Low Skew, 1-to-4, LVCMOS/LVTTL Fanout Buffer
FEBRUARY 4, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com