Electronic Components Datasheet Search
  English  ▼

X  

ICS83115BRLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS83115BRLF
Description  Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83115BRLF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS83115BRLF Datasheet HTML 2Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 3Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 4Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 5Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 6Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 7Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 8Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 9Page - Integrated Device Technology ICS83115BRLF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Rev C 3/20/15
6
LOW SKEW, 1-TO-16 LVCMOS/LVTTL FANOUT BUFFER
83115 DATA SHEET
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Part-to-Part Skew
Output Rise/Fall Time
Output Skew
Propagation Delay
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
GND
VDD
1.65V±5%
-1.65V±5%
-
tsk(pp)
V
DD
2
V
DD
2
Par t 1
Par t 2
Qx
Qy
20%
80%
80%
20%
tR
t F
Q0:Q15
tsk(o)
Qx
Qy
Q0:Q15
CLK
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q0:Q15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com