Electronic Components Datasheet Search
  English  ▼

X  

IR2114SS Datasheet(PDF) 3 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 3 Page - International Rectifier

  IR2114SS Datasheet HTML 1Page - International Rectifier IR2114SS Datasheet HTML 2Page - International Rectifier IR2114SS Datasheet HTML 3Page - International Rectifier IR2114SS Datasheet HTML 4Page - International Rectifier IR2114SS Datasheet HTML 5Page - International Rectifier IR2114SS Datasheet HTML 6Page - International Rectifier IR2114SS Datasheet HTML 7Page - International Rectifier IR2114SS Datasheet HTML 8Page - International Rectifier IR2114SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
3
Static Electrical Characteristics
VCC = 15 V, VSS = COM = 0 V, VS = 0 ÷ 600V or 1200 V and TA = 25 °C unless otherwise specified.
Pin: VCC, VSS, VB, VS
Symbol
Definition
Min Typ Max Units Test Conditions
VCCUV+
Vcc supply undervoltage positive going threshold
9.3 10.2 11.4
VCCUV-
Vcc supply undervoltage negative going threshold
8.7
9.3 10.3
VCCUVH
Vcc supply undervoltage lockout hysteresis
-
0.9
-
VBSUV+
(VB-VS) supply undervoltage positive going threshold 9.3 10.2 11.4
VS=0V, VS=600V
or 1200V
VBSUV-
(VB-VS) supply undervoltage negative going
threshold
8.7
9.3 10.3
VS=0V, VS=600V
or 1200V
VBSUVH
(VB-VS) supply undervoltage lockout hysteresis
-
0.9
-
V
ILK
Offset supply leakage current
-
-
50
VB = VS = 600V or
1200V
IQBS
Quiescent VBS supply current
-
400 800
µA
VIN = 0V or 3.3V
IQCC
Quiescent Vcc supply current
-
0.7
2.5
mA
(No load)
VCC/VB
VCCUV/VBSUV
VSS/VS
comparator
UV
internal
signal
Figure 1: Undervoltage diagram
Pin: HIN, LIN, FLTCLR, FAULT/SD, SY_FLT
Symbol
Definition
Min
Typ
Max Units Test Conditions
VIH
Logic "1" input voltage
2.0
-
-
VIL
Logic "0" input voltage
-
-
0.8
VIHSS
Logic input hysteresis
0.2
0.4
-
V
VCC = VCCUV- to
20V
IIN+
Logic "1" input bias current
-
370
-
µA
VIN = 3.3V
IIN-
Logic "0" input bias current
-1
-
0
VIN = 0V
RON,FLT
FAULT/SD open drain resistance
-
60
-
RON,SY
SY_FLT open drain resistance
-
60
-
Ω
PW ≤ 7 µs
HIN/LIN/
FLTCLR
VSS
schmitt
trigger
10k
internal
signal
Figure 2: HIN, LIN and FLTCLR diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com