Electronic Components Datasheet Search
  English  ▼

X  

IR2114SS Datasheet(PDF) 4 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 4 Page - International Rectifier

  IR2114SS Datasheet HTML 1Page - International Rectifier IR2114SS Datasheet HTML 2Page - International Rectifier IR2114SS Datasheet HTML 3Page - International Rectifier IR2114SS Datasheet HTML 4Page - International Rectifier IR2114SS Datasheet HTML 5Page - International Rectifier IR2114SS Datasheet HTML 6Page - International Rectifier IR2114SS Datasheet HTML 7Page - International Rectifier IR2114SS Datasheet HTML 8Page - International Rectifier IR2114SS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
4
FAULT/SD
SY_FLT
VSS
schmitt
trigger
RON
fault/hold
internal signal
hard/soft shutdown
internal signal
Figure 3: FAULT/SD and SY_FLT diagram
Pin: DSL, DSH
The active bias is present only in IR21141 and IR22141. VDESAT, IDS and IDSB parameters are referenced to
COM and VS respectively for DSL and DSH.
Symbol
Definition
Min Typ Max Units
Test Conditions
VDESAT+
High desat input threshold voltage
7.2 8.0
8.8
VDESAT-
Low desat input threshold voltage
6.3 7.0
7.7
VDSTH
Desat input voltage hysteresis
-
1.0
-
V
See Fig. 16, 4
IDS+
High DSH or DSL input bias current
-
21
-
VDESAT = VCC or VBS
IDS-
Low DSH or DSL input bias current
-
-160
-
µA
VDESAT = 0V
IDSB
DSH or DSL input bias current
-
-20
-
mA
VDESAT =
(IR21141 and IR22141 only)
(VCC or VBS) - 2V
DSL/DSH
VDESAT
COM/VS
comparator
100k
700k
VCC/VBS
SSD
internal
signal
active
bias
Figure 4: DSH and DSL diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com