Electronic Components Datasheet Search
  English  ▼

X  

IR2114SS Datasheet(PDF) 12 Page - International Rectifier

Part # IR2114SS
Description  HALF-BRIDGE GATE DRIVER IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2114SS Datasheet(HTML) 12 Page - International Rectifier

Back Button IR2114SS Datasheet HTML 8Page - International Rectifier IR2114SS Datasheet HTML 9Page - International Rectifier IR2114SS Datasheet HTML 10Page - International Rectifier IR2114SS Datasheet HTML 11Page - International Rectifier IR2114SS Datasheet HTML 12Page - International Rectifier IR2114SS Datasheet HTML 13Page - International Rectifier IR2114SS Datasheet HTML 14Page - International Rectifier IR2114SS Datasheet HTML 15Page - International Rectifier IR2114SS Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
IR2114/IR21141/IR2214/IR22141
12
FEATURES DESCRIPTION
1 Start-up sequence
At power supply start-up it is recommended to
keep FLT_CLR pin active until supply voltages are
properly established. This prevents spurious
diagnostic signals being generated. All protection
functions
are
operating
independently
from
FLT_CLR status and output driver status reflects
the input commands.
When bootstrap supply topology is used for
supplying the floating high side stage, the following
start-up sequence is recommended (see also
figure 12):
1. Set Vcc
2. Set FLT_CLR pin to HIGH level
3. Set LIN pin to HIGH level and let the
bootstrap capacitor be charged
4. Release LIN pin to LOW level
5. Release FLT_CLR pin to LOW level
VCC
FLT_CLR
LIN
LO
Figure 12 Start-up sequence
A minimum 15 us LIN and FLT-CLR pulse is
required.
2 Normal operation mode
After start-up sequence has been terminated, the
device becomes fully operative (see grey blocks in
the State Diagram).
HIN and LIN produce driver outputs to switch
accordingly, while the input logic checks the input
signals preventing shoot-through events and
including DeadTime (DT).
3 Shut down
The
system
controller
can
asynchronously
command the Hard ShutDown (HSD) through the
3.3 V compatible CMOS I/O FAULT/SD pin. This
event is not latched.
In a multi-phase system, FAULT/SD signals are or-
wired so the controller or one of the gate drivers
can force simultaneous shutdown to the other gate
drivers through the same pin.
4 Fault management
IR2114/21141/2214/22141 is able to manage the
both the supply failure (undervoltage lock out on
both low and high side circuits) and the
desaturation of both power transistors.
4.1 Undervoltage (UV)
The Undervoltage protection function disables the
driver’s output stage preventing the power device
being driven with too low voltages.
Both the low side (VCC supplied) and the floating
side (VBS supplied) are controlled by a dedicate
undervoltage function.
Undervoltage
event
on
the
VCC
(when
VCC < UVVCC-) generates a diagnostic signal by
forcing FAULT/SD pin low (see FAULT/SD section
and figure 14). This event disables both low side
and floating drivers and the diagnostic signal holds
until the under voltage condition is over. Fault
condition is not latched and the FAULT/SD pin is
released once VCC becomes higher than UVVCC+.
The undervoltage on the VBS works disabling only
the floating driver. Undervoltage on VBS does not
prevent the low side driver to activate its output nor
generate diagnostic signals. VBS undervoltage
condition (VBS < UVVBS-) latches the high side
output stage in the low state. VBS must be
reestablished higher than UVVBS+ to return in
normal operating mode. To turn on the floating
driver HIN must be re-asserted high (rising edge
event on HIN is required).
4.2 Power devices desaturation
Different causes can generate a power inverter
failure: phase and/or rail supply short-circuit,
overload conditions induced by the load, etc… In
all these fault conditions a large current increase is
produced in the IGBT.
The IR2114/21141/2214/22141 fault detection
circuit monitors the IGBT emitter to collector
voltage (VCE) by means of an external high voltage
diode. High current in the IGBT may cause the
transistor to desaturate, i.e. VCE to increase.
Once in desaturation, the current in power
transistor can be as high as 10 times the nominal
current. Whenever the transistor is switched off,
this high current generates relevant voltage
transients in the power stage that need to be
smoothed out in order to avoid destruction (by
over-voltages). The gate driver accomplishes the
transients control by smoothly turning off the
desaturated transistor by means of the SSD pin
activating a so called Soft ShutDown sequence
(SSD).
4.2.1 Desaturation detection: DSH/L function
Figure 13 shows the structure of the desaturation
sensing
and
soft
shutdown
block.
This
configuration is the same for both high and low
side output stages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com