Electronic Components Datasheet Search
  English  ▼

X  

IRISMPS3 Datasheet(PDF) 4 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 4 Page - International Rectifier

  IRISMPS3 Datasheet HTML 1Page - International Rectifier IRISMPS3 Datasheet HTML 2Page - International Rectifier IRISMPS3 Datasheet HTML 3Page - International Rectifier IRISMPS3 Datasheet HTML 4Page - International Rectifier IRISMPS3 Datasheet HTML 5Page - International Rectifier IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.irf.com
IRISMPS3
through R11/D6 to the FB pin of the IRIS4013K.
If the bias winding voltage is below the threshold Q1 is off and no quasi-resonant signal is passed, this causes
U1 to operate in the PRC mode with a fixed of time of 50us, this results in a further lowering of the Vcc voltage to
provide some hysteresis to prevent spurious changing between modes.
Circuit Waveforms
The following plots show waveforms taken from the circuit under various stated conditions
Fig 2) Drain (D) voltage of IRIS4013K (CH1) and FB voltage (CH3) 90VAC in Full load
Fig 2) shows the drain voltage of the IRIS4013K and the FB voltage with full load output at 90VAC input.
Note that point X marked on the drain waveform shows the detection point for the quasi-resonant signal which
is the lowest point on the drain waveform after the energy is transferred.
Fig 3) shows the drain voltage and the feedback pin (FB) voltage at 265VAC input again with a full load
output. Note that at the start of the ON time for the FET the FB pin signal has a higher dv/dt rise. This is due to
the feedback signal from the output creating the offset voltage to keep the output power constant. Also note that
the on-time is shorter and hence the operating frequency is higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com