Electronic Components Datasheet Search
  English  ▼

X  

IRISMPS3 Datasheet(PDF) 10 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier IRISMPS3 Datasheet HTML 10Page - International Rectifier IRISMPS3 Datasheet HTML 11Page - International Rectifier IRISMPS3 Datasheet HTML 12Page - International Rectifier IRISMPS3 Datasheet HTML 13Page - International Rectifier IRISMPS3 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
www.irf.com
IRISMPS3
Standby/No Load Power Consumption
Fig 11) shows the standby or no load power consumption vs AC input voltage, showing that over the
entire voltage range the power consumption is less than 1W ensuring it complies with the Energystar/Blue
Angel requirements.
Fig 11)
No Load Power vs Input Voltage
0
0.2
0.4
0.6
0.8
1
90
120
170
220
265
AC Input Voltage
Component Temp vs. AC Input Voltage (Ta=25°C)
0
10
20
30
40
50
60
70
80
90
170
264
AC Input Voltage
D1
U1
T2-
CORE
T2-
WIND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com