Electronic Components Datasheet Search
  English  ▼

X  

IRISMPS3 Datasheet(PDF) 1 Page - International Rectifier

Part # IRISMPS3
Description  International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS3 Datasheet(HTML) 1 Page - International Rectifier

  IRISMPS3 Datasheet HTML 1Page - International Rectifier IRISMPS3 Datasheet HTML 2Page - International Rectifier IRISMPS3 Datasheet HTML 3Page - International Rectifier IRISMPS3 Datasheet HTML 4Page - International Rectifier IRISMPS3 Datasheet HTML 5Page - International Rectifier IRISMPS3 Datasheet HTML 6Page - International Rectifier IRISMPS3 Datasheet HTML 7Page - International Rectifier IRISMPS3 Datasheet HTML 8Page - International Rectifier IRISMPS3 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com
1
IRISMPS3
International Rectifier
• 233 Kansas Street El Segundo CA 90245 USA
Technical Specifications
1. AC Input: V=90~265V, f=57~63Hz, I= 1.3Arms max
2. Inrush Current: 13A max
3. Efficiency: 87% at full load high line (82% at low line)
4. Turn On Delay: <2secs @ 90V full load
5. Short Circuit Protection: Yes
6. Over Voltage Protection: Yes
7. Hold-Up Time: 140msec (230Vin Full load) / 27ms (90Vin Full load)
8. Output Rise Time: 7ms max (10-90%)
9. Output Characteristics
10: Switching Frequency: 20 -250kHz
Relevant Technical Documents
AN1018a - Using the IR40xx Series SMPS ICs
AN1024a - Flyback transformer design for the IR40xx series
AN1025a - Designing a Power Supply Using The IRIS40xx Series
DT01-1 - A Standby Circuit For the IRIS40xx Integrated Switchers
IRIStran.xls - IRIS Series Flyback Transformer Design Spreadsheet
IRIS4013(K) - Datasheet
REFERENCE DESIGN
Nominal Ouput Voltage
Load Range
Regulation
(V)
Min
Max
15V
0A
4A
14.4V ~ 15.6V


Similar Part No. - IRISMPS3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
IRISMPS5 DEMO BOARD USER GUIDE
More results

Similar Description - IRISMPS3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
AK10-058C-BP MCC-AK10-058C-BP Datasheet
238Kb / 3P
Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311
logo
List of Unclassifed Man...
KLDX-0202-BHT ETC2-KLDX-0202-BHT Datasheet
192Kb / 2P
1810 Little Orchard Street, San Jose, CA 95125
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
70W LED Street Light
logo
List of Unclassifed Man...
AA8381HS-AW ETC2-AA8381HS-AW Datasheet
14Kb / 1P
ADDA USA AC FAN SPECIFICATIONS
logo
International Rectifier
IRFHP8321PBF IRF-IRFHP8321PBF Datasheet
93Kb / 2P
101 North Sepulveda Boulevard, El Segundo, California, 90245, USA Telephone 1 310 726 8000
logo
Mallory performance clu...
PN5520 MALLORY-PN5520 Datasheet
1Mb / 12P
Street Fire CDI
5520 MALLORY-5520 Datasheet
1Mb / 12P
Street Fire CDI
5524 MALLORY-5524 Datasheet
259Kb / 2P
Street Fire Coil
logo
International Rectifier
AN-999 IRF-AN-999 Datasheet
84Kb / 5P
International Rectifier?셲 Total Dose Radiation
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
Street light switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com