Electronic Components Datasheet Search
  English  ▼

X  

LM4936 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4936
Description  Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4936 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4936 Datasheet HTML 18Page - National Semiconductor (TI) LM4936 Datasheet HTML 19Page - National Semiconductor (TI) LM4936 Datasheet HTML 20Page - National Semiconductor (TI) LM4936 Datasheet HTML 21Page - National Semiconductor (TI) LM4936 Datasheet HTML 22Page - National Semiconductor (TI) LM4936 Datasheet HTML 23Page - National Semiconductor (TI) LM4936 Datasheet HTML 24Page - National Semiconductor (TI) LM4936 Datasheet HTML 25Page - National Semiconductor (TI) LM4936 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application Information (Continued)
TABLE 4. Volume Control Table
Serial Number
V4
V3
V2
V1
V0
Gain (dB)
0
00000
–90
1
00001
–90
2
00010
–68
3
00011
–63
4
00100
–57
5
00101
–51
6
00110
–47
7
00111
–45
8
01000
–42
9
01001
–39
10
01010
–36
11
01011
–34
12
01100
–32
13
01101
–30
14
01110
–28
15
01111
–26
16
10000
–24
17
10001
–22
18
10010
–20
19
10011
–18
20
10100
–16
21
10101
–14
22
10110
–12
23
10111
–10
24
11000
–8
25
11001
–6
26
11010
–5
27
11011
–4
28
11100
–3
29
11101
–2
30
11110
–1
31
11111
0
www.national.com
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com