Electronic Components Datasheet Search
  English  ▼

X  

LM4936 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4936
Description  Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4936 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4936 Datasheet HTML 3Page - National Semiconductor (TI) LM4936 Datasheet HTML 4Page - National Semiconductor (TI) LM4936 Datasheet HTML 5Page - National Semiconductor (TI) LM4936 Datasheet HTML 6Page - National Semiconductor (TI) LM4936 Datasheet HTML 7Page - National Semiconductor (TI) LM4936 Datasheet HTML 8Page - National Semiconductor (TI) LM4936 Datasheet HTML 9Page - National Semiconductor (TI) LM4936 Datasheet HTML 10Page - National Semiconductor (TI) LM4936 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TABLE 1. I
2C/SPI Interface Controls (Note 18)
B7
B6
B5
B4
B3
B2
B1
B0
I
2C
Address
1101
1
0
ID
0
Mode
Control
Register
000
HP
Control
Gain Sel
Mode
Mute
Shutdown
Volume
Control
Register
(See
Table 4 )
1
0
0
V4
V3
V2
V1
V0
TABLE 2. Headphone Control
HP Sense Pin
I
2C/SPI HP Control (B4)
Output Stage Configuration
0
0
BTL
01
SE
1(V
DD)0
SE
1(V
DD)1
SE
TABLE 3. Logic Controls
Logic Level
B3 (Gain Sel)
B2 (Mode)
B1 (Mute)
B0 (Shutdown)
I
2C/SPI Select
0
Internal Gain
Fixed Volume, 0dB
Mute Off (Play)
Device Shutdown
I
2C mode
1
External Gain
Adjustable Volume
Mute On
Device Active
SPI mode
Note 18: If system beep is detected on the Beep In pin, the system beep will be passed through the bridged amplifier regardless of the logic of the Mute and HP
Control bits (B1, B4) and HP Sense pin.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com