Electronic Components Datasheet Search
  English  ▼

X  

LM4936 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4936
Description  Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4936 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4936 Datasheet HTML 1Page - National Semiconductor (TI) LM4936 Datasheet HTML 2Page - National Semiconductor (TI) LM4936 Datasheet HTML 3Page - National Semiconductor (TI) LM4936 Datasheet HTML 4Page - National Semiconductor (TI) LM4936 Datasheet HTML 5Page - National Semiconductor (TI) LM4936 Datasheet HTML 6Page - National Semiconductor (TI) LM4936 Datasheet HTML 7Page - National Semiconductor (TI) LM4936 Datasheet HTML 8Page - National Semiconductor (TI) LM4936 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM4936
Stereo 2W Audio Power Amplifiers with Volume Control
and Selectable Control Interface (SPI or I
2C)
General Description
The LM4936 is a monolithic integrated circuit that provides
volume control, and stereo bridged audio power amplifiers
capable of producing 2W into 4
Ω (Note 1) with less than 1%
THD or 2.2W into 3
Ω (Note 2) with less than 1% THD.
Boomer® audio integrated circuits were designed specifically
to provide high quality audio while requiring a minimum
amount of external components. The LM4936 incorporates a
SPI or I
2C Control Interface that runs the volume control,
stereo bridged audio power amplifiers and a selectable gain
or bass boost. All of the LM4936’s features (i.e. SD, Mode,
Mute, Gain Sel) make it optimally suited for multimedia
monitors, portable radios, desktop, and portable computer
applications.
The LM4936 features an externally controlled, low-power
consumption shutdown mode, and both a power amplifier
and headphone mute for maximum system flexibility and
performance.
Note 1: When properly mounted to the circuit board, LM4936MH will deliver
2W into 4
Ω. See Application Information section Exposed-DAP package
PCB Mounting Considerations for more information.
Note 2: An LM4936MH that has been properly mounted to the circuit board
and forced-air cooled will deliver 2.2W into 3
Ω.
Key Specifications
n
P
O at 1% THD+N
n
into 3
Ω
2.2W (typ)
n
into 4
Ω
2.0W (typ)
n
into 8
Ω
1.25W (typ)
n
Single-ended mode - THD+N at 90mW into 32
Ω 1%(typ)
n
Shutdown current
0.7µA (typ)
Features
n
Selectable SPI or I
2C Control Interface
n
System Beep Detect
n
Stereo switchable bridged/single-ended power amplifiers
n
Selectable internal/external gain and bass boost
n
“Click and pop” suppression circuitry
n
Thermal shutdown protection circuitry
n
Headphone Sense
Applications
n
Portable and Desktop Computers
n
Multimedia Monitors
n
Portable Radios, PDAs, and Portable TVs
Connection Diagram
TSSOP Package
20117802
Top View
Order Number LM4936MH
See NS Package Number MXA28A for Exposed-DAP TSSOP
Boomer® is a registered trademark of NationalSemiconductor Corporation.
April 2005
© 2005 National Semiconductor Corporation
DS201178
www.national.com


Similar Part No. - LM4936

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4936 TI1-LM4936 Datasheet
2Mb / 37P
Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM49360 TI1-LM49360 Datasheet
2Mb / 137P
Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM49360RL TI1-LM49360RL Datasheet
2Mb / 137P
Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM49360RLX TI1-LM49360RLX Datasheet
2Mb / 137P
Mono Class D Audio Codec PMU with Ground Referenced Headphone Amplifiers, Earpiece Driver, Audio DSP, 2 Step-Down DC-DC Converters, and 7 LDO Regulators
LM4936MH/NOPB TI1-LM4936MH/NOPB Datasheet
2Mb / 37P
Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
More results

Similar Description - LM4936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4835 NSC-LM4835 Datasheet
648Kb / 16P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4838 NSC-LM4838 Datasheet
2Mb / 36P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
LM4840 NSC-LM4840 Datasheet
786Kb / 19P
Stereo 2W Audio Power Amplifiers with Digital Volume Control and Input Mux
LM4843 NSC-LM4843 Datasheet
597Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control
LM4849 NSC-LM4849 Datasheet
690Kb / 19P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux
LM4938 NSC-LM4938 Datasheet
1Mb / 26P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4838 TI-LM4838_15 Datasheet
10Mb / 44P
Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
logo
Global Mixed-mode Techn...
G1438 GMT-G1438 Datasheet
91Kb / 1P
2W Stereo Audio Amplifier with DC Volume Control and Selectable Gain
logo
Texas Instruments
LM4936 TI1-LM4936 Datasheet
2Mb / 37P
Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
LM4938 TI1-LM4938 Datasheet
8Mb / 34P
Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com