Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G7SA
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7SA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G7SA Datasheet HTML 3Page - Omron Electronics LLC G7SA Datasheet HTML 4Page - Omron Electronics LLC G7SA Datasheet HTML 5Page - Omron Electronics LLC G7SA Datasheet HTML 6Page - Omron Electronics LLC G7SA Datasheet HTML 7Page - Omron Electronics LLC G7SA Datasheet HTML 8Page - Omron Electronics LLC G7SA Datasheet HTML 9Page - Omron Electronics LLC G7SA Datasheet HTML 10Page - Omron Electronics LLC G7SA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
G7SA
7
Engineering Data (Reference Value)
Safety Relay Unit
Durability Curve
Options (order separately)
Sockets
Front-connecting Sockets
Ambient temperature and contact current
*1. When using a G7SA-5A1B relay, be careful not to exceed the total current (24 A).
(Example: at 50°C, 5 contacts × 4.8 A)
*2. Certification conditions for the TÜV certification. Care should be taken not to exceed the total current.
0.1
1
5
10
50
100
500
700
300
70
30
7
3
1,000
0.3
0.5
AC15, 240 VAC
DC13, 24 VDC
AC1, 240 VAC
DC1, 24 VDC
0.7 1
3
5
7 10
Contact current (A)
G7SA-
@A@B
P7SA-
@F-ND-PU
Total
*11 circuit
-20 -10
0
10
20
3040
50
60
70 80
2
1
0
24
20
16
12
8
4
0
6
7
5
4
3
Ambient temperature (°C)
Total
*2
-10F
-14F
8
5
0
20
17
14
11
5.4
3
0
15
12.6
10.2
7.8
-20
-30
-40
-10
0
10
20
30
40
50
60
70
80
90
2
1
0
6
7
5
4
3
Ambient temperature (°C)
P7SA-
@F-ND
P7SA-
@F
P7SA-
@F-ND
P7SA-
@F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com