Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G7SA
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7SA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G7SA Datasheet HTML 1Page - Omron Electronics LLC G7SA Datasheet HTML 2Page - Omron Electronics LLC G7SA Datasheet HTML 3Page - Omron Electronics LLC G7SA Datasheet HTML 4Page - Omron Electronics LLC G7SA Datasheet HTML 5Page - Omron Electronics LLC G7SA Datasheet HTML 6Page - Omron Electronics LLC G7SA Datasheet HTML 7Page - Omron Electronics LLC G7SA Datasheet HTML 8Page - Omron Electronics LLC G7SA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
G7SA
5
Options (order separately)
Sockets
*1. When operating the P7SA-@F-ND-PU at a temperature between 50 and 70°C, reduce the continuous current (6 A at 50°C or less) by 0.25 A
for each degree above 50°C.
When operating the P7SA-
@F-ND at a temperature between 50 and 70°C, reduce the continuous current (6 A at 50°C or less) by 0.3 A for
each degree above 50°C.
When operating the P7SA-
@F at a temperature between 50 and 85°C, reduce the continuous current (6 A at 50°C or less) by 0.1 A for each
degree above 50°C.
*2. Measurement conditions: For 500 VDC applied to the same location as for dielectric strength measurement.
Short Bars (for P7SA-
@F-ND-PU)
Certified Standards
Safety Relay Unit
EN Standards, VDE Certified
UL Standards Certification (File No. E41515) Industrial Control Devices
CSA standard CSA C22.2 No.14 Industrial Control Devices
Push-In Plus terminals
Screw terminals
PCB terminals
4 poles
6 poles
4 poles
6 poles
4 poles
6 poles
Items
Models
P7SA-10F-ND-PU
P7SA-14F-ND-PU
P7SA-10F(-ND)
P7SA-14F(-ND)
P7SA-10P
P7SA-14P
Ambient operating temperature
• With operation indicator LED/built-in diode
P7SA-
@F-ND(-PU):
−20 to +70°C
• Without operation indicator LED/built-in diode
P7SA-
@F:
−40 to +85°C
(with no icing or condensation)
−40 to +85°C
(with no icing or condensation)
Ambient operating humidity
25% to 85%
5% to 85%
Continuous carry current
6 A
*1
Dielectric
strength
Between coil and
contact terminals
4,000 VAC for 1 min.
2,500 VAC for 1 min.
Between contact
terminals of different
polarity
2,500 VAC for 1 min.
Between contact
terminals of same
polarity
1,500 VAC for 1 min.
Insulation resistance
1,000 M
Ω min. *2
Weight
Approx. 58 g
Approx. 70 g
Approx. 44 g
Approx. 59 g
Approx. 9 g
Approx. 10 g
Application
Applicable sockets
Models
Maximum carry current
Ambient operating
temperature
Ambient operating
humidity
Crossover wiring of
contact terminals
(bottom)
P7SA-
@F-ND-PU
XW5S-P2.5-2
@
24 A
−40 to 55°C
5% to 95%
XW5S-P2.5-3
@
XW5S-P2.5-4
@
XW5S-P2.5-5
@
Models
Ratings
Standard number
Certification No.
Operating coil
Contact ratings
G7SA-2A2B
12, 18, 21, 24, 48,
110 VDC
EN/IEC 61810-1
Electromagnetic relay
EN/IEC 61810-3
Relays with forcibly guided
contacts
125547
12, 18, 21, 24, 48,
110 VDC
6 A, 240 VAC (Resistive)
6 A, 30 VDC (Resistive)
G7SA-3A1B
G7SA-3A3B
G7SA-4A2B
G7SA-5A1B
Models
Standard number
Category
Listed/Recognized
Contact ratings
Operating Coil ratings
G7SA-2A2B
UL508
E41515
Recognized
6 A, 250 VAC (Resistive)
6 A, 30 VDC (Resistive)
12, 18, 21, 24, 48,
110 VDC
G7SA-3A1B
G7SA-3A3B
G7SA-4A2B
G7SA-5A1B
Models
Class number
File No.
Contact ratings
Operating Coil ratings
G7SA-2A2B
3211-07
LR35535
6 A, 250 VAC (Resistive)
6 A, 30 VDC (Resistive)
12, 18, 21, 24, 48,
110 VDC
G7SA-3A1B
G7SA-4A2B
G7SA-5A1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com