Electronic Components Datasheet Search
  English  ▼

X  

G7SA Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G7SA
Description  Compact, Slim Relays Conforming to EN Standards
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7SA Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G7SA Datasheet HTML 8Page - Omron Electronics LLC G7SA Datasheet HTML 9Page - Omron Electronics LLC G7SA Datasheet HTML 10Page - Omron Electronics LLC G7SA Datasheet HTML 11Page - Omron Electronics LLC G7SA Datasheet HTML 12Page - Omron Electronics LLC G7SA Datasheet HTML 13Page - Omron Electronics LLC G7SA Datasheet HTML 14Page - Omron Electronics LLC G7SA Datasheet HTML 15Page - Omron Electronics LLC G7SA Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
G7SA
12
Back-mounting Sockets (for PCB)
PCB terminals 4 poles
P7SA-10P
PCB terminals 6 poles
P7SA-14P
(
±0.1 tolerance)
Terminal Arrangement/Internal
Connection Diagram
(Bottom View)
Mounting Hole Placement
(Bottom View)
G7SA-3A1B Mounted
G7SA-2A2B Mounted
Note: Terminals 23-24, 33-34, and 43-44
are normally open. Terminals 11-12
and 21-22 are normally closed.
50 max.
0.5
0.5
15 max.
41.5 max.
3.5
(11.1)
0.4
(11.1)
Three, 2.6 dia.
(for M3 tapping screws)
24.8
4.1
39.9
0.8
24.8±0.2
39.9±0.2
Three, 3.2 dia.
(for M3 tapping
screws)
(7.14)
13.97
11.43
4.1±0.2
5.08
5.08
Ten, 1.1 dia.
10.16
34
43
33
44
22
21
12
11
1
0
−
+
−
+
34
43
33
44
24
23
12
11
1
0
(
±0.1 tolerance)
Terminal Arrangement/
Internal Connection
Diagram (Bottom View)
Mounting Hole Placement
(Bottom View)
G7SA-5A1B Mounted
G7SA-4A2B Mounted
G7SA-3A3B Mounted
Note: Terminals 23-24, 33-34, 43-44,
53-54, and 63-64 are normally
open. Terminals 11-12, 21-22,
and 31-32 are normally closed.
60 max.
0.5
0.5
15 max.
41.5 max.
3.5
(11.1)
(11.1)
0.4
Three, 2.6 dia.
(for M3 tapping screws)
49.9
24.8
4.1
0.8
24.8±0.2
49.9±0.2
(7.14)
13.97
5.08
5.08
4.1±0.2
5.08 5.08
10.16
Three, 3.2 dia.
(for M3 tapping
screws)
11.43
Fourteen,
1.1 dia.
−
+
54
64
63
53
32
43
31
44
22
21
12
11
1
0
−
+
54
64
63
53
34
43
33
44
22
21
12
11
1
0
−
+
54
64
63
53
34
43
33
44
24
23
12
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com