Electronic Components Datasheet Search
  English  ▼

X  

FSA66 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FSA66
Description  Low-Voltage UHS Single SPST Normally Open Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA66 Datasheet(HTML) 4 Page - ON Semiconductor

  FSA66 Datasheet HTML 1Page - ON Semiconductor FSA66 Datasheet HTML 2Page - ON Semiconductor FSA66 Datasheet HTML 3Page - ON Semiconductor FSA66 Datasheet HTML 4Page - ON Semiconductor FSA66 Datasheet HTML 5Page - ON Semiconductor FSA66 Datasheet HTML 6Page - ON Semiconductor FSA66 Datasheet HTML 7Page - ON Semiconductor FSA66 Datasheet HTML 8Page - ON Semiconductor FSA66 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2006 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FSA66 Rev. 1.0.1
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics
tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines
the conditions for actual device operation.
Recommended Operating Conditions(2)
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
2. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VS
DC Switch Voltage
–0.5V to VCC +0.5V
VIN
DC Input Voltage(1)
–0.5V to +7.0V
IIK
DC Input Diode Current, VIN < 0V
–50mA
IOUT
DC Output Sink Current
128mA
ICC/IGND
DC VCC/GND Current
±100mA
TSTG
Storage Temperature Range
–65°C to +150°C
TJ
Junction Lead Temperature under Bias
+150°C
TL
Junction Lead Temperature (soldering, 10 seconds)
+260°C
PD
Power Dissipation @ 85°C
SOT23-5
200mW
SC70-5
150mW
Symbol
Parameter
Rating
VCC
Power Supply Operating
1.65V to 5.5V
VIN
Control Input Voltage
0V to 5.5V
VIN
Switch Input Voltage
0V to VCC
VOUT
Switch Output Voltage
0V to VCC
tr, tf
Input Rise and Fall Time
Control Input; VCC = 2.3V to 3.6V
0ns/V to 10ns
Control Input; VCC = 4.5V to 5.5V
0ns/V to 5ns
Switch I/O
0ns/V to DC
TA
Operating Temperature
−40°C to +85°C
θ
JA
Thermal Resistance
SOT23-5
300°C/W
SC70-5
425°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com