Electronic Components Datasheet Search
  English  ▼

X  

FSA66 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA66
Description  Low-Voltage UHS Single SPST Normally Open Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA66 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA66 Datasheet HTML 1Page - ON Semiconductor FSA66 Datasheet HTML 2Page - ON Semiconductor FSA66 Datasheet HTML 3Page - ON Semiconductor FSA66 Datasheet HTML 4Page - ON Semiconductor FSA66 Datasheet HTML 5Page - ON Semiconductor FSA66 Datasheet HTML 6Page - ON Semiconductor FSA66 Datasheet HTML 7Page - ON Semiconductor FSA66 Datasheet HTML 8Page - ON Semiconductor FSA66 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
June 2006
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSA66 Rev. 1.0.1
FSA66
Low-Voltage UHS Single SPST
Normally Open Analog Switch
Features
■ Space-saving SOT23 or SC70 5-lead package
■ Ultra small MicroPak™ leadless package
■ Broad VCC operating range: 1.65V–5.5V
■ Rail-to-rail signal handling
■ 5Ω switch connection between two ports
■ Minimal propagation delay through the switch
■ Low ICC
■ Zero bounce in flow-through mode
■ Control input compatible with CMOS input levels
■ >250 MHz –3dB bandwidth
General Description
The FSA66 is a ultra high-speed (UHS) CMOS compati-
ble Single-Pole/Single-Throw (SPST) analog switch. The
low On Resistance (RON) of the switch allows input to be
connected to output with minimal propagation delay and
without generating additional ground bounce noise. The
device is organized as a 1-bit switch with a switch enable
(OE) signal. When OE is HIGH, the switch is on and Port
A is connected to Port B. When OE is LOW, the switch is
open and a high-impedance state exists between the two
ports.
Ordering Information
Order
Number
Package
Number PB-Free
Product
Code
Top Mark
Package Description
Packing Method
FSA66M5X
MA05B
Yes
7Z66
5-Lead SOT23, JEDEC MO-178,
1.6mm
3k Units on Tape and Reel
FSA66P5X
MAA05A
Yes
Z66
5-Lead SC70, EIAJ SC-88a, 1.25mm
Wide
3k Units on Tape and Reel
FSA66L6X
MAC06
Yes
EE
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
MicroPak
™ is a trademark of Fairchild Semiconductor Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com