Electronic Components Datasheet Search
  English  ▼

X  

FSA66 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSA66
Description  Low-Voltage UHS Single SPST Normally Open Analog Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA66 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSA66 Datasheet HTML 5Page - ON Semiconductor FSA66 Datasheet HTML 6Page - ON Semiconductor FSA66 Datasheet HTML 7Page - ON Semiconductor FSA66 Datasheet HTML 8Page - ON Semiconductor FSA66 Datasheet HTML 9Page - ON Semiconductor FSA66 Datasheet HTML 10Page - ON Semiconductor FSA66 Datasheet HTML 11Page - ON Semiconductor FSA66 Datasheet HTML 12Page - ON Semiconductor FSA66 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
©2006 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FSA66 Rev. 1.0.1
Tape Specification
Tape Format for SOT23, SC70
Tape Dimensions
Dimensions are in millimeters (inches) unless otherwise specified.
Package
Designator
Tape Section
Cavity Number
Cavity Status
Cover Tape Status
M5X, P5X
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Package
Tape Size
Dim A
Dim B
Dim F
Dim KO
Dim P1
Dim W
SC70-5
8 mm
0.093
(2.35)
0.096
(2.45)
0.138 ± 0.004
(3.5 ± 0.10)
0.053 ± 0.004
(1.35 ± 0.10)
0.157
(4)
0.315 ± 0.004
(8 ± 0.1)
SOT23-5
8 mm
0.130
(3.3)
0.130
(3.3)
0.138 ± 0.002
(3.5 ± 0.05)
0.055 ± 0.004
(1.4 ± 0.11)
0.157
(4)
0.315 ± 0.012
(8 ± 0.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com