Electronic Components Datasheet Search
  English  ▼

X  

FSA832 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FSA832
Description  USB 2.0 High-Speed Charger Detection IC with Isolation Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA832 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FSA832 Datasheet HTML 3Page - ON Semiconductor FSA832 Datasheet HTML 4Page - ON Semiconductor FSA832 Datasheet HTML 5Page - ON Semiconductor FSA832 Datasheet HTML 6Page - ON Semiconductor FSA832 Datasheet HTML 7Page - ON Semiconductor FSA832 Datasheet HTML 8Page - ON Semiconductor FSA832 Datasheet HTML 9Page - ON Semiconductor FSA832 Datasheet HTML 10Page - ON Semiconductor FSA832 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA832 • Rev. 1.0.1
7
DC Electrical Characteristics
Unless otherwise indicated, VBUS=4 V to 6 V and TA=-40 to +85°C. Typical values are at TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tDCD_DBNC Data Contact Detect Debounce
10
ms
tDCD_TOUT Time for DCD to Timeout
300
450
900
ms
tVDPSRC_ON D+ Voltage Source On Time
40
ms
tVDMSRC_ON D- Voltage Source On Time
40
ms
Notes:
4.
Guaranteed by characterization; not production tested.
5.
The voltage source, VDP_SRC / VDM_SRC, is able to source at least 250 µA when the output voltage is in the specified range.
This voltage source should not pull DP_CON / DM_CON below 2.2 V when DP_CON / DM_CON is pulled to a voltage of
3.0 V minimum or 3.6 V maximum with a resistance of 900
Ω minimum or 1575 Ω maximum.
AC Electrical Characteristics
Unless otherwise specified, values are at TA=-40 to +85°C; all typical values are for VCC=3.3 V at TA=25°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Figure
Xtalk
Active Channel Crosstalk, DP_COM to
DM_CON
(6)
F=1 MHz, RT=50 Ω, CL=0 pF
-78
dB
Figure 6
F=240 MHz, RT=50 Ω,
CL=0 pF
-36
OIRR
Off Isolation Rejection Ratio,
DM_HOST to DM_CON, DP_HOST to
DP_CON
(6)
f=1 MHz, RT=50
Ω, CL=0 pF
-84
dB
Figure 5
f=240 MHz, RT=50
Ω, CL=0 pF
-34
BW
Bandwidth of Switch
(6)
RT=50
Ω
1.5
GHz
Figure 5
Note:
6.
Guaranteed by characterization; not production tested.
Capacitance
Unless otherwise specified, values are at TA=-40 to +85°C.
Symbol
Parameter
Condition
Typical
Unit
Figure
COFF
DP_CON, DM_CON Off Capacitance
(7)
VBIAS=0.2 V, f=1 MHz
3.2
pF
Figure 7
CON
DP_CON, DM_CON On Capacitance
(7)
VBIAS=0.2 V, f=1 MHz
5.8
pF
Figure 8
Note:
7.
Guaranteed by characterization; not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com