Electronic Components Datasheet Search
  English  ▼

X  

FSA832 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA832
Description  USB 2.0 High-Speed Charger Detection IC with Isolation Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA832 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA832 Datasheet HTML 1Page - ON Semiconductor FSA832 Datasheet HTML 2Page - ON Semiconductor FSA832 Datasheet HTML 3Page - ON Semiconductor FSA832 Datasheet HTML 4Page - ON Semiconductor FSA832 Datasheet HTML 5Page - ON Semiconductor FSA832 Datasheet HTML 6Page - ON Semiconductor FSA832 Datasheet HTML 7Page - ON Semiconductor FSA832 Datasheet HTML 8Page - ON Semiconductor FSA832 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
August 2014
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA832 • Rev. 1.0.1
FSA832 — USB 2.0 High-Speed (480 Mbps) Charger
Detection IC with Isolation Switch
Features
USB Detection
USB Battery Charging Rev. 1.2
Supports Data Contact Detect (DCD)
Dead Battery Provision (DBP)
with 30-Minute Timer
Proprietary Charger
and Other Detection
2.7 V / 2.0 V on DP/DM
DP/DM Floating
PS/2 Port Detection
Switch Type
Isolation Switch Closes for
Charging Downstream Port (CDP)
Standard Downstream Port (SDP)
VBUS
28 V Over-Voltage Tolerance
-2 V Under-Voltage Tolerance
Package
10-Lead MicroPak™
1.6 x 2.1 mm, 0.5 mm Pitch
Ordering
Information
FSA832L10X
Applications
MP3, Mobile Internet Device (MID), Cell Phone, PDA,
Digital Camera, Notebook, and Netbook
Description
The FSA832 is a charger detection IC with an integrated
isolation switch for use with micro/mini USB port. The
FSA832 detects USB battery chargers and is compliant with
USB Battery Charging Specification, Rev 1.2 (BC1.2).
The FSA832 also detects proprietary chargers that pull the
USB data lines HIGH (2.7 V / 2.0 V), floating data lines, and
PS/2 ports. The device determines if a charger, either
through a Dedicated Charging Port (DCP) or Charging
Downstream Port (CDP), is connected or if a typical PC host,
a Standard Downstream Port (SDP), is connected. The
FSA832 conforms to all the constraints for the Dead Battery
Provision (DBP) within the BC1.2 specification, including a
30-minute timer that cannot exceed 45 minutes per BC1.2.
Typical Application
Figure 1. Mobile Phone Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com