Electronic Components Datasheet Search
  English  ▼

X  

FSA832 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSA832
Description  USB 2.0 High-Speed Charger Detection IC with Isolation Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA832 Datasheet(HTML) 3 Page - ON Semiconductor

  FSA832 Datasheet HTML 1Page - ON Semiconductor FSA832 Datasheet HTML 2Page - ON Semiconductor FSA832 Datasheet HTML 3Page - ON Semiconductor FSA832 Datasheet HTML 4Page - ON Semiconductor FSA832 Datasheet HTML 5Page - ON Semiconductor FSA832 Datasheet HTML 6Page - ON Semiconductor FSA832 Datasheet HTML 7Page - ON Semiconductor FSA832 Datasheet HTML 8Page - ON Semiconductor FSA832 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA832 • Rev. 1.0.1
2
Ordering Information
Part
Number
Operating
Temperature Range
Top Mark
Package Description
Packing
Method
FSA832L10X
-40 to 85°C
ZY
10-Lead, MicroPak™ 1.6 x 2.1 mm, 0.5 mm Pitch
Tape & Reel
Pin Configurations
Figure 2.
Pin Assignments (Top View)
Pin Descriptions
Name
Pin #
Description
USB Interface
DP_HOST
3
D+ signal connected to the resident USB transceiver on the phone.
DM_HOST
2
D- signal connected to the resident USB transceiver on the phone.
Connector Interface
VBUS
9
Input voltage supply pin to be connected to the VBUS pin of the USB connector.
GND
6
Ground
DP_CON
7
Connected to the USB connector D+ pin
DM_CON
8
Connected to the USB connector D- pin
Status Outputs
CHG_DET
10
CMOS push/pull output connected to charger IC to indicate if a charger has been detected
(LOW=charger not detected; HIGH=proprietary charger, DCP, or CDP charger detected).
SW_OPEN
1
Open-drain output pin; requires pull-up resistor to I/O voltage supply (LOW=switch closed;
Hi-Z=switch open).
CHG_AL_N
4
CMOS open-drain output pin (LOW=VBUS is valid and charge is allowed to be drawn from VBUS;
Hi-Z=VBUS is not at a valid voltage).
Input Pin
GOOD_BAT
5
Input that indicates if the battery is a good battery or a dead battery (VIL=dead battery; VIH=good
battery).
Note:
1.
Output voltage conditions are LOW = VOL and HIGH = VOH.
DM_HOST
2
10
9
8
6
7
4
5
GND
DM_CON
CHG_DET
DP_CON
SW_OPEN
VBUS
3
DP_HOST
CHG_AL_N
GOOD_BAT
1
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com