Electronic Components Datasheet Search
  English  ▼

X  

PI3L500 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI3L500
Description  3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L500 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI3L500 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PS8719A
03/02/05
PI3L500
3.3V, 8-Channel, 2:1 Mux/DeMux
Gigabit Ethernet LAN Switch w/Single Enable
Packaging Mechanical: 56-Contact TQFN (ZF)
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. Number of Transistors = TBD
3. X = Tape and Reel
Ordering Information
Ordering Number
Package Code
Package Description
PI3L500ZFEX
ZF
Pb-free & Green, 56-contact TQFN
PI3L500ZFX
ZF
56-contact TQFN
9.50 REF.
11.00±0.10
0.50 TYP. (56x)
Pin #1
Corner
8.40±0.10
Pin #1 Corner
0.80 MAX.
0.20 REF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com