Electronic Components Datasheet Search
  English  ▼

X  

PI3L500 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3L500
Description  3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L500 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3L500 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8719A
03/02/05
PI3L500
3.3V, 8-Channel, 2:1 Mux/DeMux
Gigabit Ethernet LAN Switch w/Single Enable
Storage Temperature........................................................ –65°C to +150°C
Supply Voltage to Ground Potential
...........................–0.5V to +4.0V
DC Input Voltage................................................................–0.5V to +5.5V
DC Output Current.......................................................................... 120mA
Power Dissipation .............................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Pin Description
Pin Name
Description
AX
Demux Inputs
XBY
Mux Inputs
LEDZ
LED Demux Inputs
ZLEDY
LED Mux Inputs
GND
Ground
VCC
Power
SEL
Select
Truth Table
SEL
Function
L
AX to XB1; LEDZ to ZLED1
H
AX to XB2; LEDZ to ZLED2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com