Electronic Components Datasheet Search
  English  ▼

X  

PI3L500 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3L500
Description  3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3L500 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3L500 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3L500 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8719A
03/01/05
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low Crosstalk: –22dB @ 250MHz
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On capacitance: 10pF (typical)
• Live Insertion Capable
• Status Indicator LEDs Switched with Ethernet pairs
• VCC Operating Range: +3.0V to +3.6V
• ESD>3000V . . . Human Body Model
• >350 MHz bandwidth (or data frequency)
• Packaging:
· Pb-free and Green 56-contact TQFN (ZF)
· 56-contact TQFN (ZF)
Applications
• Dual Physical Layer Device sharing to one interface
connector
• Routes signals for 10/100/1000 Mbit Ethernet
Description
PericomSemiconductor’sPI3Lseriesofswitchcircuitsareproduced
using the Company’s advanced sub-micron CMOS technology,
achieving industry leading performance.
ThePI3L500isa16-to8-Channelmultiplexer/demultiplexerLAN
Switch with Hi-Z outputs. Industry leading advantages include a
propagation delay of less than 250ps, resulting from its low channel
resistance and I/O capacitance. The device multiplexes differential
outputs from a Gigabit Ethernet transceiver (PHY) device to one
of two corresponding B1 or B2 outputs. The switch is bidirectional
and offers little or no attenuation of the high-speed signals at the
outputs. It is designed for low bit-to-bit skew, high channel-to-
channel noise isolation and is compatible with various standards,
such as 10/100/1000 Base-T (Ethernet).
Generally, this part can be used to replace mechanical relays in
low-voltage LAN applications that interface a physical layer over
CAT 5 or CAT 6 unshielded twisted pair cable through an isolation
transformer.
Block Diagram
Pin Description
PI3L500
3.3V, 8-Channel, 2:1 Mux/DeMux
Gigabit Ethernet LAN Switch with Single Enable
GND
A0
A1
VDD
N.C.
GND
A2
A3
GND
VDD
A4
A5
GND
A6
A7
GND
SEL
VDD
LED0
LED1
0B1
1B1
0B2
1B2
GND
2B1
3B1
2B2
3B2
GND
VDD
4B1
5B1
4B2
5B2
GND
6B1
7B1
6B2
7B2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
SEL
A7
A6
A1
A0
1B1
0B1
1B2
0B2
7B1
6B1
7B2
6B2
LEDX
XLED1
XLED2


Similar Part No. - PI3L500

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L500-AZFE PERICOM-PI3L500-AZFE Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L500-AZFE PERICOM-PI3L500-AZFE Datasheet
466Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L500-A PERICOM-PI3L500-A_10 Datasheet
466Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
More results

Similar Description - PI3L500

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3L110 PERICOM-PI3L110 Datasheet
396Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L301D PERICOM-PI3L301D Datasheet
426Kb / 9P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L500-A PERICOM-PI3L500-A Datasheet
433Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
PI3L510 PERICOM-PI3L510 Datasheet
392Kb / 6P
3.3V, 4-Channel, 2:1, Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
logo
ON Semiconductor
NS3L500 ONSEMI-NS3L500 Datasheet
127Kb / 10P
3.3V, 8-Channel, 2:1 Gigabit Ethernet LAN Switch with LED Switch
July, 2010 ??Rev. 0
logo
Pericom Semiconductor C...
PI3L110LEX PERICOM-PI3L110LEX Datasheet
365Kb / 6P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
PI3L110 PERICOM-PI3L110_14 Datasheet
639Kb / 7P
3.3V Quad, 2:1 Mux/DeMux Fast Ethernet LAN Switch w/ Single Enable
PI3L301D PERICOM-PI3L301D_13 Datasheet
511Kb / 8P
3.3V, 16-Bit to 8-Bit, Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable
PI3L500-A PERICOM-PI3L500-A_10 Datasheet
466Kb / 7P
3.3V, 8-Channel, 2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Single Enable and Enhanced ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com