Electronic Components Datasheet Search
  English  ▼

X  

HSHCAL001B Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAL001B
Description  Digtal Humidity Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAL001B Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAL001B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
(Page 2/ )
4-1.
電気的仕様
電気的仕様
電気的仕様
電気的仕様
Electrical specifications
Table 1.
電気的仕様
Electrical specifications
idd1
[µA]
-
65
-
Normal state 1Hz
idd10
[µA]
-
140
-
Normal state 10Hz
Iddm
[µA]
-
15
-
Force state 1Hz
Idds
[µA]
-
1
-
Force state Sleeping
相対湿度出力
相対湿度出力
相対湿度出力
相対湿度出力
Relative Humidity
温度出力
温度出力
温度出力
温度出力
Temperature
(
※
1)
デフォルト設定は
Normal-state 10Hz
です。
,
Default Setting is Normal-State 10Hz .
(
※
2) Package
検査時
の仕様です。
,
This is the specification at package inspection .
相対湿度換算
Relative humidity conversion
再水化なし
:without re-hydration
Relative Humidity [%RH] = ( HUMI output [LSB] - 896 ) / 64
再水化あり
:with re-hydration
Relative Humidity [%RH] = ( HUMI output [LSB] - 1280 ) / 64
温度換算
Temperature conversion
Temperature [deg C] = ( TEMP output [LSB] - 2096 ) / 50
[MHz]
供給電源電圧
Suppl
y 
voltage
1.71
1.8
-
Current consumption
(
※
1)
VDD
Tad
[ms]
I2C Communication rate
A/D change time
1.89
+85
-1.5
50%RH
25deg C
+1.5
0
SS, FS, FS+, HS
supported
-
3.4
0
Topr
[degC]
[V]
15
-
HBM
湿度検出領域
Humidity range
-20
動作温度
Operating temperature
-
-
Hrng
[%RH]
-40
-
±2000
+100
使用条件
使用条件
使用条件
使用条件
Operating conditions (Vdd=1.8V , 25degC)
Vh
[V]
-
耐電圧
ESD
環境条件
環境条件
環境条件
環境条件
Environmental conditions
-
+125
保管湿度
Storage Humidity
保管温度
Storage temperature
+95
Tstr
[degC]
結露無きこと
No condensation
H
str
[%RH]
0
Notes
min.
Typ.
max.
Item
Symbol
Unit.
Specification
出力誤差
(
※
2)
Offset tolerance
Toff
[deg C]
-0.5
Hgain
Vlim
25deg C
0
+0.5
+5
40-60%RH
25degC
定格電源電圧
Absolute limits supply voltage
[V]
-0.3
-
2
[%]
傾き誤差
(
※
2)
Gain tolerance
0
-5
-
[%RH]
Hoff
出力誤差
 
(
※
2)
Offset tolerance
Crat
0
1000
2000
3000
4000
5000
6000
7000
8000
0
10
20
30
40
50
60
70
80
90 100
Relative Humidity [%RH]
Humidity caracteristics @ 25degC
再水化なし
without re-hydration
再水化あり
with re-hydration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com