Electronic Components Datasheet Search
  English  ▼

X  

HSHCAL001B Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAL001B
Description  Digtal Humidity Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAL001B Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAL001B Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSHCAL001B Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
(Page 3/ )
4-2.
製品外形
製品外形
製品外形
製品外形
Dimensions
Figure 1.
製品外形 
Dimensions of the product
Figure 2.
推奨ランド
Land patern
4-3.
捺印仕様
捺印仕様
捺印仕様
捺印仕様
Laser Marking specifications
Figure 3. Laser Marking
①
②
③
:
トレースNo
Trace Lot No
④ 
  :
製品識別番号
本製品は
"8"
を表示
Identifying number of product
HSHCAL001B number is "8"
A
A
A
A L
L
L
L P
P
P
P S
S
S
S
①
①
①
① ②
②
②
② ③
③
③
③ ④
④
④
④



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com