Electronic Components Datasheet Search
  English  ▼

X  

FH23 Datasheet(PDF) 4 Page - Hirose Electric

Part # FH23
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23 Datasheet(HTML) 4 Page - Hirose Electric

  FH23 Datasheet HTML 1Page - Hirose Electric FH23 Datasheet HTML 2Page - Hirose Electric FH23 Datasheet HTML 3Page - Hirose Electric FH23 Datasheet HTML 4Page - Hirose Electric FH23 Datasheet HTML 5Page - Hirose Electric FH23 Datasheet HTML 6Page - Hirose Electric FH23 Datasheet HTML 7Page - Hirose Electric FH23 Datasheet HTML 8Page - Hirose Electric FH23 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
58
Notes
The coplanarity of each terminal lead is within 0.1.
The contact terminal lead position indicates the dimension from the E surface, the bottom surface of the insulator body.
Any discoloration of the plastic compound will NOT AFFECT form, fit or function of the connector.
1
2
3
1
2
1
2
0.05MAX.
0.1MAX.
* *
0.05MAX.
0.1MAX.
(D: FPC insertion area dimensions)
(0.15)
C
0.6
0.6
B
0.3
A
(0.12)
4.15
0.55
1.7
Number of contacts indicator
E
sConnector Dimensions Diagram (Leadless Type termination)
Unit: mm
Note: Embossed tape reel packaging(2,500 pieces/reel)
Please order by number of reels.
Leadless Type
Part Number
FH23-15S-0.3SHAW
FH23-17S-0.3SHAW
FH23-21S-0.3SHAW
FH23-25S-0.3SHAW
FH23-27S-0.3SHAW
FH23-31S-0.3SHAW
FH23-33S-0.3SHAW
FH23-39S-0.3SHAW
FH23-45S-0.3SHAW
FH23-51S-0.3SHAW
FH23-61S-0.3SHAW
586-1316-7
586-1301-0
586-1315-4
586-1323-2
586-1309-1
586-1303-5
586-1305-0
586-1307-6
586-1319-5
586-1313-9
586-1311-3
15
17
21
25
27
31
33
39
45
51
61
17.0
17.6
18.8
10.0
10.6
11.8
12.4
14.2
16.0
17.8
20.8
13.6
14.2
15.4
16.6
17.2
18.4
19.0
10.8
12.6
14.4
17.4
14.2
14.8
16.0
17.2
17.8
19.0
19.6
11.4
13.2
15.0
18.0
14.83
15.43
16.63
17.83
18.43
19.63
10.23
12.03
13.83
15.63
18.63
CL No.
Number of Contacts
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com