Electronic Components Datasheet Search
  English  ▼

X  

FH23 Datasheet(PDF) 2 Page - Hirose Electric

Part # FH23
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23 Datasheet(HTML) 2 Page - Hirose Electric

  FH23 Datasheet HTML 1Page - Hirose Electric FH23 Datasheet HTML 2Page - Hirose Electric FH23 Datasheet HTML 3Page - Hirose Electric FH23 Datasheet HTML 4Page - Hirose Electric FH23 Datasheet HTML 5Page - Hirose Electric FH23 Datasheet HTML 6Page - Hirose Electric FH23 Datasheet HTML 7Page - Hirose Electric FH23 Datasheet HTML 8Page - Hirose Electric FH23 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
56
100 V DC
90 V AC/1 minute
1 mA AC
10 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours
in each of the 3 directions
Acceleration of 981 m/s2, 6ms duration, sine half-wave
waveform, 3 cycles in each of the 3 axis.
96 hours at temperature of 40
°C and humidity of 90% to 95%
Temperature:-55
ç/+15ç to +35ç/+85ç/+15ç to +35ç
Time: 30/ 2 to 3 / 30 / 2 to 3 (Minutes)
5 cycles
Reflow: At the recommended temperature profile
Manual soldering: 350
ç±5 ç for 5 seconds
50 M ohms min.
No flashover or insulation breakdown
100 m ohms max.
*Including FPC/FFC conductor resistance
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs or more.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
No electrical discontinuity of 1 µs. min.
Contact resistance: 100 m ohms max.
No damage, cracks, or parts dislocation.
Contact resistance: 100 m ohms max.
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts dislocation.
Contact resistance: 100 m ohms max.
Insulation resistance: 100 M ohms min.
No damage, cracks, or parts looseness.
No deformation of
components affecting performance.
1. Insulation resistance
2. Withstanding voltage
3. Contact resistance
4. Durability
4. (insertion/ withdrawal)
5. Vibration
6. Shock
7. Humidity
(Steady state)
8. Temperature cycle
9. Resistance to
soldering heat
Item
Specification
Conditions
Terminal type
SHW: SMT horizontal mounting type, lead type termination.
SHAW: SMT horizontal mounting type, lead-less type termination.
Plating specifications :
Blank
: Tin plating
(05)
: Gold plating
---------------
sMaterials
sOrdering information
FH23
- 39S - 0.3 SHW (05)
1
3
4
2
5
Series name : FH23
No. of contacts.
Number of contacts : 15,17,21,25,27,31,33,39,45,51,61
Contact pitch: 0.3 mm
1
2
3
4
Part
Contacts
Insulator
LCP
LCP
Phosphor bronze
Color:Beige
Color:Black
Pure tin plating (Note 3)
UL94V-0
Material
Finish
Remarks
sProduct Specifications
Ratings
Current rating
0.3 A DC
Voltage rating
50 V AC
Operating temperature range
-55
ç to +85ç (Note 1)
Operating humidity range
Relative humidity 90% max. (No condensation)
Storage temperature range
-10
ç to +50ç (Note 2)
Storage humidity range
Relative humidity 90% max.
Recommended FPC
Thickness: = 0.2±0.03mm tinned copper or pure tin plating (Note 3)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term ”storage” refers to products stored for long period of time prior to mounting and use. Operating
Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage,
shipment or during transportation.
Note 3: When FPC is gold plated, the connector contacts should be also gold plated: Select the (05) specification.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com