Electronic Components Datasheet Search
  English  ▼

X  

FH23 Datasheet(PDF) 8 Page - Hirose Electric

Part # FH23
Description  0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH23 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FH23 Datasheet HTML 3Page - Hirose Electric FH23 Datasheet HTML 4Page - Hirose Electric FH23 Datasheet HTML 5Page - Hirose Electric FH23 Datasheet HTML 6Page - Hirose Electric FH23 Datasheet HTML 7Page - Hirose Electric FH23 Datasheet HTML 8Page - Hirose Electric FH23 Datasheet HTML 9Page - Hirose Electric FH23 Datasheet HTML 10Page - Hirose Electric FH23 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
62
BRecommended Temperature Profile
Recommended Conditions
Reflow system
:IR reflow
Solder
:Paste type 63 Sn/37 Pb
(Flux content 11 wt%)
Test board
: Glass epoxy 45mm x 100mm x 1.6mm
Metal mask thickness
: 0.1 mm
Recommended temperature profile.
The temperature may be slightly changed according to the solder
paste type and thickness.
Start
(ç)
Time (Seconds)
60
25ç(60 sec.)
(20 sec.
to 30 sec.)
(30 sec.)
60 sec. to 90 sec.
Preheating
Soldering
0
50
100
150
150ç
160ç
240ç
200ç
5 sec. Max.
200
250
120
qUsing Conventional Solder Paste
Recommended Conditions
Reflow system
:IR reflow
Solder
:Paste type Sn/0.3 Ag/0.5 Cu
(Flux content 11 wt%)
Test board
:Glass epoxy 45mm x 100mm x 1.6 mm
Metal mask thickness
:0.1 mm
Recommended temperature profile.
The temperature may be slightly changed according to the solder
paste type and thickness.
Max. 250ç
Start
Time (Seconds)
60
25ç (60 sec.)
(60 sec.)
90 sec. to 120 sec.
Preheating
Soldering
0
50
100
150
150ç
200ç
230ç
200
250
120
(ç)
qUsing Lead-free Solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com