Electronic Components Datasheet Search
  English  ▼

X  

ICS87008I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS87008I
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87008I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS87008I Datasheet HTML 1Page - Integrated Device Technology ICS87008I Datasheet HTML 2Page - Integrated Device Technology ICS87008I Datasheet HTML 3Page - Integrated Device Technology ICS87008I Datasheet HTML 4Page - Integrated Device Technology ICS87008I Datasheet HTML 5Page - Integrated Device Technology ICS87008I Datasheet HTML 6Page - Integrated Device Technology ICS87008I Datasheet HTML 7Page - Integrated Device Technology ICS87008I Datasheet HTML 8Page - Integrated Device Technology ICS87008I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
87008AGI
www.idt.com
REV. B JULY 31, 2010
2
ICS87008I
LOW SKEW, 1-TO-8
DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
E
O
/
R
M
nx
N
E
_
K
L
Cx
L
E
S
_
V
I
DX
k
n
a
By
c
n
e
u
q
e
r
F
x
Q
0X
X
Z
i
HA
/
N
11
0
e
v
i
t
c
A2
/
N
I
f
11
1
e
v
i
t
c
AN
I
f
10
X
w
o
LA
/
N
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
11
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
21
K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
D
D
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
t
l
u
a
f
e
d
2
/
9
,
3V
A
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
A
k
n
a
B
t
u
p
t
u
O
8
,
7
,
5
,
4
,
1
A
Q
,
0
A
Q
3
A
Q
,
2
A
Q
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
A
k
n
a
B
9
1
,
6D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
S
0
1A
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
r
f
s
l
o
r
t
n
o
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
1A
N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
.
H
G
I
H
e
v
i
t
c
A
.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
w
o
l
e
v
i
r
d
s
t
u
p
t
u
o
,
W
O
L
s
i
n
i
p
f
I
2
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
r
e
w
o
P
3
1E
O
/
R
M
nt
u
p
n
Ip
u
ll
u
P
e
h
t
s
t
e
s
d
n
a
s
p
o
l
f
p
il
f
2
÷
/
1
÷
e
h
t
s
t
e
s
e
r
,
W
O
L
n
e
h
W
.
t
e
s
e
r
r
e
t
s
a
M
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
c
n
a
d
e
p
m
i
h
g
i
h
o
t
s
t
u
p
t
u
o
4
1B
N
E
_
K
L
Ct
u
p
n
Ip
u
ll
u
P
.
H
G
I
H
e
v
i
t
c
A
.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
w
o
l
e
v
i
r
d
s
t
u
p
t
u
o
,
W
O
L
s
i
n
i
p
f
I
5
1B
L
E
S
_
V
I
Dt
u
p
n
Ip
u
ll
u
P
.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
n
o
i
s
i
v
i
d
y
c
n
e
u
q
e
r
f
s
l
o
r
t
n
o
C
.
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
2
,
6
1V
B
O
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
B
k
n
a
B
t
u
p
t
u
O
1
2
,
0
2
,
8
1
,
7
1
,
2
B
Q
,
3
B
Q
0
B
Q
,
1
B
Q
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
B
k
n
a
B
3
2L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
s
t
u
p
n
i
1
K
L
C
n
,
1
K
L
C
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
t
u
p
n
i
t
c
e
l
e
s
k
c
o
l
C
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
4
20
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
L
T
T
V
L
/
S
O
M
C
V
L
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
M
s
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
e
c
n
a
t
i
c
a
p
a
C
V
D
D
V
,
x
O
D
D
1
E
T
O
N
;
V
5
6
4
.
3
=8
1F
p
V
D
D
V
,
x
O
D
D
1
E
T
O
N
;
V
5
2
6
.
2
=0
2F
p
V
D
D
V
,
5
6
4
.
3
=
x
O
D
D
1
E
T
O
N
;
V
5
2
6
.
2
=0
2F
p
V
D
D
V
,
5
6
4
.
3
=
x
O
D
D
1
E
T
O
N
;
V
9
8
.
1
=0
3F
p
V
D
D
V
,
5
2
6
.
2
=
x
O
D
D
1
E
T
O
N
;
V
9
8
.
1
=0
2F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
7
Ω
:
1
E
T
O
NV
x
O
D
D
V
s
e
t
o
n
e
d
O
D
DA
V
d
n
a
O
D
DB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com