Electronic Components Datasheet Search
  English  ▼

X  

ICS87008I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS87008I
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87008I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS87008I Datasheet HTML 1Page - Integrated Device Technology ICS87008I Datasheet HTML 2Page - Integrated Device Technology ICS87008I Datasheet HTML 3Page - Integrated Device Technology ICS87008I Datasheet HTML 4Page - Integrated Device Technology ICS87008I Datasheet HTML 5Page - Integrated Device Technology ICS87008I Datasheet HTML 6Page - Integrated Device Technology ICS87008I Datasheet HTML 7Page - Integrated Device Technology ICS87008I Datasheet HTML 8Page - Integrated Device Technology ICS87008I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
87008AGI
www.idt.com
REV. B JULY 31, 2010
1
ICS87008I
LOW SKEW, 1-TO-8
DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS87008I is a low skew, 1:8 LVCMOS/LVTTL Clock
Generator. The device has 2 banks of 4 outputs and each
bank can be independently selected for
÷1 or ÷2 frequency
operation. Each bank also has its own power supply pins so
that the banks can operate at the following different voltage
levels: 3.3V, 2.5V, and 1.8V. The low impedance LVCMOS/
LVTTL outputs are designed to drive 50
Ω series or parallel
terminated transmission lines.
The divide select inputs, DIV_SELA and DIV_SELB, control the
output frequency of each bank. The output banks can be
independently selected for
÷1 or ÷2 operation. The bank enable
inputs, CLK_ENA and CLK_ENB, support enabling and disabling
each bank of outputs individually. The CLK_ENA and CLK_ENB
circuitry has a synchronizer to prevent runt pulses when
enabling or disabling the clock outputs. The master reset
input, nMR/OE, resets the
÷1/÷2 flip flops and also controls the
active and high impedance states of all outputs. This pin has
an internal pull-up resistor and is normally used only for test
purposes or in systems which use low power modes.
The ICS87008I is characterized to operate with the core at 3.3V
or 2.5V and the banks at 3.3V, 2.5V, or 1.8V. Guaranteed bank,
output, and part-to-part skew characteristics make the 87008I
ideal for those clock applications demanding well-defined
performance and repeatability.
FEATURES
• Eight LVCMOS/LVTTL outputs (2 banks of 4 outputs)
• Selectable differential CLK1, nCLK1 or
LVCMOS clock input
• CLK1, nCLK1 pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• CLK0 supports the following input types:
LVCMOS, LVTTL
• Maximum output frequency: 250MHz
• Independent bank control for
÷1 or ÷2 operation
• Glitchless, asynchronous clock enable/disable
• Output skew: 105ps (maximum) @ 3.3V core/3.3V output
• Bank skew: 70ps (maximum) @ 3.3V core/3.3V output
• 3.3V or 2.5V core/3.3V, 2.5V, or 1.8V output operating
supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
nMR/OE
DIV_SELA
CLK1
nCLK1
CLK0
CLK_ENA
CLK_SEL
CLK_ENB
DIV_SELB
QA0:QA3
QB0:QB3
1
0
1
0
1
0
÷1
÷2
4
4
LE
D
ICS87008I
24-Lead TSSOP
4.4mm x 7.8mm x 0.92mm body package
G Package
Top View
LE
D
CLK1
nCLK1
VDDOA
QA0
QA1
GND
QA2
QA3
VDDOA
DIV_SELA
CLK_ENA
VDD
CLK0
CLK_SEL
VDDOB
QB0
QB1
GND
QB2
QB3
VDDOB
DIV_SELB
CLK_ENB
nMR/OE
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - ICS87008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87001-01 IDT-ICS87001-01 Datasheet
717Kb / 12P
LVCMOS/LVTTL CLOCK DIVIDER
logo
Renesas Technology Corp
ICS87001-01 RENESAS-ICS87001-01 Datasheet
525Kb / 14P
LVCMOS/LVTTL Clock Divider
JULY 2, 2013
logo
Integrated Device Techn...
ICS87001I-01 IDT-ICS87001I-01 Datasheet
384Kb / 14P
Maximum output frequency
logo
Renesas Technology Corp
ICS87001I-01 RENESAS-ICS87001I-01 Datasheet
579Kb / 15P
LVCMOS/LVTTL Clock Divider
JANUARY 23, 2013
logo
Integrated Device Techn...
ICS87002-05 IDT-ICS87002-05 Datasheet
706Kb / 12P
Third generation FemtoClock
More results

Similar Description - ICS87008I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
879893 IDT-879893 Datasheet
205Kb / 16P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
87021I IDT-87021I Datasheet
233Kb / 14P
Differential-to-LVCMOS/LVTTL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
879893 RENESAS-879893 Datasheet
398Kb / 17P
Low Skew, 1-to-12 (IDCS) LVCMOS/LVTTL Clock Generator
January 10, 2017
87008I RENESAS-87008I Datasheet
292Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. B JULY 31, 2010
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87021I RENESAS-87021I Datasheet
782Kb / 14P
÷1/÷2 Differential-to-LVCMOS/LVTTL Clock Generator
September 2, 2021
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com