Electronic Components Datasheet Search
  English  ▼

X  

ICS87008I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS87008I
Description  LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS87008I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS87008I Datasheet HTML 1Page - Integrated Device Technology ICS87008I Datasheet HTML 2Page - Integrated Device Technology ICS87008I Datasheet HTML 3Page - Integrated Device Technology ICS87008I Datasheet HTML 4Page - Integrated Device Technology ICS87008I Datasheet HTML 5Page - Integrated Device Technology ICS87008I Datasheet HTML 6Page - Integrated Device Technology ICS87008I Datasheet HTML 7Page - Integrated Device Technology ICS87008I Datasheet HTML 8Page - Integrated Device Technology ICS87008I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
87008AGI
www.idt.com
REV. B JULY 31, 2010
4
ICS87008I
LOW SKEW, 1-TO-8
DIFFERENTIAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = VDD = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
n
V
N
I
V
=
D
D
,
V
5
6
4
.
3
=
V
N
I
V
=
D
D
V
5
2
6
.
2
=
5A
µ
1
K
L
C
V
N
I
V
=
D
D
,
V
5
6
4
.
3
=
V
N
I
V
=
D
D
V
5
2
6
.
2
=
0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
n
V
N
I
V
,
V
0
=
D
D
,
V
5
6
4
.
3
=
V
N
I
V
,
V
0
=
D
D
V
5
2
6
.
2
=
0
5
1
-A
µ
1
K
L
C
V
N
I
V
,
V
0
=
D
D
,
V
5
6
4
.
3
=
V
N
I
V
,
V
0
=
D
D
V
5
2
6
.
2
=
5
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
C
2
,
1
E
T
O
N
5
.
0
+
D
N
GV
D
D
5
8
.
0
-V
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
1
E
T
O
N
,
V
s
i
1
K
L
C
n
,
1
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
D
D
.
V
3
.
0
+
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
2
E
T
O
N
H
I .
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
B
N
E
_
K
L
C
,
A
N
E
_
K
L
C
L
E
S
_
K
L
C
,
E
O
/
R
M
n
2V
D
D
3
.
0
+V
0
K
L
C2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
B
N
E
_
K
L
C
,
A
N
E
_
K
L
C
L
E
S
_
K
L
C
,
E
O
/
R
M
n
3
.
0
-8
.
0V
0
K
L
C3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
B
N
E
_
K
L
C
,
A
N
E
_
K
L
C
E
O
/
R
M
n
V
D
D
V
=
N
I
,
V
5
6
4
.
3
=
V
D
D
V
=
N
I
V
5
2
6
.
2
=
5A
µ
L
E
S
_
K
L
C
,
0
K
L
C
V
D
D
V
=
N
I
,
V
5
6
4
.
3
=
V
D
D
V
=
N
I
V
5
2
6
.
2
=
0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
B
N
E
_
K
L
C
,
A
N
E
_
K
L
C
E
O
/
R
M
n
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=
V
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=
0
5
1
-A
µ
L
E
S
_
K
L
C
,
0
K
L
C
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=
V
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=
5
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
3
.
3
=6
.
2V
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
5
.
2
=8
.
1V
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
8
.
1
=5
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
3
.
3
=5
.
0V
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
5
.
2
=5
.
0V
V
x
O
D
D
2
E
T
O
N
;
%
5
±
V
8
.
1
=4
.
0V
I
L
Z
O
w
o
L
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5
-A
µ
I
H
Z
O
h
g
i
H
t
n
e
r
r
u
C
e
t
a
t
s
i
r
T
t
u
p
t
u
O
5A
µ
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
X
O
D
D
.
s
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O
,
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
V
:
2
E
T
O
N
x
O
D
D
V
s
e
t
o
n
e
d
A
O
D
D
V
d
n
a
,
B
O
D
D
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com