Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G07DBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVT
Description  Single Buffer/Driver With Open-Drain Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN74LVC1G07DBVT Datasheet HTML 17Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 18Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 19Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 20Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 21Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 22Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 23Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 24Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
TYP
(0.21) TYP
EXPOSED METAL
CLEARANCE
(0.48)
(0.78)
4X (0.42)
4X (0.22)
(
0.25)
4X (0.26)
4X (0.06)
(
0.1)
VIA
(R0.05) TYP
X2SON - 0.4 mm max height
DPW0005A
PLASTIC SMALL OUTLINE - NO LEAD
4223102/B 09/2017
SYMM
1
2
3
4
SYMM
LAND PATTERN EXAMPLE
SOLDER MASK DEFINED
SCALE:60X
SOLDER MASK
OPENING, TYP
METAL UNDER
SOLDER MASK
TYP
5
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, refer to QFN/SON PCB application note
in literature No. SLUA271 (www.ti.com/lit/slua271).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com