Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G07DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVT
Description  Single Buffer/Driver With Open-Drain Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DBVT Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G07DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
N.C. – No internal connection
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
N.C.
V
CC
DCK PACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
A
N.C.
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
1
N.C.
3
4
GND
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
A
N.C.
N.C.
6
5
4
2
3
GND
Y
V
CC
1
N.C.
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
N.C.
6
5
4
2
3
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
N.C.
4
YZP PACKAGE
(TOP VIEW)
A
GND
DNU
V
CC
Y
C2
C1
B1
B2
A1
A2
YZV PACKAGE
(TOP VIEW)
A
GND
Y
VCC
A1
A2
B1
B2
4
SN74LVC1G07
SCES296AD – FEBRUARY 2000 – REVISED MAY 2016
www.ti.com
Product Folder Links: SN74LVC1G07
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NAME
DBV,
DCK, DRL
DRY, DSF
DPW
YZP
YZV
NC
1
1, 5
1
A1, B2
–
Not connected
A
2
2
2
B1
A1
Input
GND
3
3
3
C1
B1
Ground
Y
4
4
4
C2
B2
Output
VCC
5
6
5
A2
A2
Power pin
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the Recommended Operating Conditions table.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state (2)(3)
–0.5
6.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
Tstg
Storage temperature range
–65
150
°C
Tj
Junction temperature range
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
MIN
MAX
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
0
2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
0
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com