Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G07DBVT Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07DBVT
Description  Single Buffer/Driver With Open-Drain Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07DBVT Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN74LVC1G07DBVT Datasheet HTML 24Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 25Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 26Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 27Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 28Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 29Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 30Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 31Page - Texas Instruments SN74LVC1G07DBVT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
0.22
0.08
0.25
3.0
2.6
2X 0.95
1.9
1.45 MAX
TYP
0.15
0.00
5X
0.5
0.3
TYP
0.6
0.3
TYP
8
0
1.9
A
3.05
2.75
B
1.75
1.45
(1.1)
SOT-23 - 1.45 mm max height
DBV0005A
SMALL OUTLINE TRANSISTOR
4214839/C 04/2017
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Refernce JEDEC MO-178.
0.2
C A B
1
3
4
5
2
INDEX AREA
PIN 1
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com