Electronic Components Datasheet Search
  English  ▼

X  

FUSB301A Datasheet(PDF) 4 Page - ON Semiconductor

Part # FUSB301A
Description  Autonomous USB Type-C Controller with Configurable I2C Address
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301A Datasheet(HTML) 4 Page - ON Semiconductor

  FUSB301A Datasheet HTML 1Page - ON Semiconductor FUSB301A Datasheet HTML 2Page - ON Semiconductor FUSB301A Datasheet HTML 3Page - ON Semiconductor FUSB301A Datasheet HTML 4Page - ON Semiconductor FUSB301A Datasheet HTML 5Page - ON Semiconductor FUSB301A Datasheet HTML 6Page - ON Semiconductor FUSB301A Datasheet HTML 7Page - ON Semiconductor FUSB301A Datasheet HTML 8Page - ON Semiconductor FUSB301A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FUSB301A
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS (continued)
Symbol
Unit
Max.
Min.
Parameter
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
IEC 6100−4−2 System ESD
Connector
Pins (VBUS,
CC1 and CC2)
Air Gap
15
kV
Contact
8
Human Body Model, JEDEC JESD22−A114
Connector Pins (VBUS,
CC1 and CC2)
4
Others
2
Charged Device Model, JEDEC
LESD22−C101
All Pins
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERAING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBUS
VBUS Supply Voltage
3.7
5.0
21
V
VDD
Supply Voltage
2.8 (1)
3.3
5.5
V
TA
Operating Temperature
−40
+85
°C
1. This is for functional operation only and isn’t the lowest limit for all subsequent electrical specifications below. All electrical parameters have
a minimum of 3 V operation.
DC AND TRANSIENT CHARACTERISTICS
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25°C and VDD = 3.3 V unless
otherwise specified.
Symbol
Parameter
TA = −40 to +855C
TJ = −40 to +1255C
Unit
Min.
Typ.
Max.
Type C Specific Parameters
I80_CCX
Source 80 mA CC Current (Default) HOST_CUR1 = 0,
HOST_CUR0 = 1
64
80
96
mA
I180_CCX
Source 180 mA CC Current (1.5 A) HOST_CUR1 = 1,
HOST_CUR0 = 0
166
180
194
mA
I330_CCX
Source 330 mA CC Current (3 A) HOST_CUR1 = 1,
HOST_CUR0 = 1
304
330
356
mA
VSNKDB
Sink Pull−Down Voltage in Dead Battery Under all Pull−up
SOURCE Loads
2.18
V
RDEVICE
Sink Pull−Down Resistance when VDD is within Operating
Range
4.6
5.1
5.6
kW
zOPEN
CC Resistance for Disabled State
126
kW
vRa−SRCdef
Ra Detection Threshold for CC Pin for Source for Default
Current on VBUS
0.15
0.20
0.25
V
vRa−SRC1.5A
Ra Detection Threshold for CC Pin for Source for 1.5 A
Current on VBUS
0.35
0.40
0.45
V
vRa−SRC3A
Ra Detection Threshold for CC Pin for Source for 3 A
Current on VBUS
0.75
0.80
0.85
V
vRd−SRCdef
Rd Detection Threshold for Source for Default Current
(HOST_CUR1/0 = 01)
1.50
1.60
1.65
V
vRd−SRC1.5A
Rd Detection Threshold for Source for 1.5 A Current
(HOST_CUR1/0 = 10)
1.50
1.60
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com