Electronic Components Datasheet Search
  English  ▼

X  

FUSB301A Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB301A
Description  Autonomous USB Type-C Controller with Configurable I2C Address
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301A Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB301A Datasheet HTML 1Page - ON Semiconductor FUSB301A Datasheet HTML 2Page - ON Semiconductor FUSB301A Datasheet HTML 3Page - ON Semiconductor FUSB301A Datasheet HTML 4Page - ON Semiconductor FUSB301A Datasheet HTML 5Page - ON Semiconductor FUSB301A Datasheet HTML 6Page - ON Semiconductor FUSB301A Datasheet HTML 7Page - ON Semiconductor FUSB301A Datasheet HTML 8Page - ON Semiconductor FUSB301A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2018 − Rev. 0
1
Publication Order Number:
FUSB301A/D
FUSB301A
Autonomous USB Type-C
Controller with
Configurable I2C Address
Description
The FUSB301A is a fully autonomous Type-C controller optimized
for < 15 W applications. The FUSB301A offers CC logic detection for
Source Mode, Sink Mode, DRP, accessory detection support, and dead
battery support. The FUSB301A features configurable I2C address
tosupport multiple ports per system. The FUSB301A features an
extremely low power disable mode as well as low power during
normal operation. It is available in an ultra thin, 12-Lead TMLP
Package.
Features
• Fully Autonomous Type−C Controller Supports Type−C Versions 1.1
and 1.0
• VDD Operating Range, 3.0 V − 5.5 V
• Low Disable Power: ICC = 2.0 mA (Max.)
• Low Standby Power: ICC = 7.0 mA (Max.)
• DRP Mode with Optional Accessory Support
• Configurable I2C Address
• Capable of Supporting Try.SNK and Try.SRC
• Dead Battery Support (SINK Support when No Power Applied)
• 2 kV HBM ESD Protection
• Small Packaging, 12 Lead TMLP (1.6 mm × 1.6 mm × 0.375 mm)
Applications
• Smartphones
• Tablets
• Notebooks
• Ultra Portable Applications
Figure 1. Typical Application
www.onsemi.com
See detailed ordering and shipping information on page 2
of this data sheet.
ORDERING INFORMATION
X2QFN12 1.6x1.6, 0.4P
CASE 722AD
Bottom View


Similar Part No. - FUSB301A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB301 ONSEMI-FUSB301 Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB301TMX ONSEMI-FUSB301TMX Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
More results

Similar Description - FUSB301A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB301 ONSEMI-FUSB301 Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
STMicroelectronics
STUSB4710 STMICROELECTRONICS-STUSB4710 Datasheet
1Mb / 34P
Autonomous USB PD controller with integrated discharge path
13-Nov-2017
logo
ON Semiconductor
FUSB303B ONSEMI-FUSB303B Datasheet
269Kb / 18P
FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
April, 2020 ??Rev. 1
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB380 ONSEMI-FUSB380 Datasheet
213Kb / 8P
Autonomous USB Type-C Cable Marker
May, 2019 ??Rev. 1
FUSB380C ONSEMI-FUSB380C Datasheet
276Kb / 8P
Autonomous USB Type-C Passive Cable Marker
May, 2019 ??Rev. P1
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com