Electronic Components Datasheet Search
  English  ▼

X  

FUSB301A Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB301A
Description  Autonomous USB Type-C Controller with Configurable I2C Address
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB301A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB301A Datasheet HTML 3Page - ON Semiconductor FUSB301A Datasheet HTML 4Page - ON Semiconductor FUSB301A Datasheet HTML 5Page - ON Semiconductor FUSB301A Datasheet HTML 6Page - ON Semiconductor FUSB301A Datasheet HTML 7Page - ON Semiconductor FUSB301A Datasheet HTML 8Page - ON Semiconductor FUSB301A Datasheet HTML 9Page - ON Semiconductor FUSB301A Datasheet HTML 10Page - ON Semiconductor FUSB301A Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
FUSB301A
www.onsemi.com
7
FAST MODE I2C SPECIFICATIONS (Note 3)(see Figure 4) (continued)
Symbol
Unit
Fast Mode
Parameter
Symbol
Unit
Max.
Min.
Parameter
tSU;STO
Set−up Time for STOP Condition
0.6
ms
tBUF
BUS−Free Time between STOP and START Conditions
1.3
ms
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input
Filter
0
50
ns
3. Guaranteed by characterization. Not production tested.
4. A fast−mode I2C bus device can be used in a standard−mode I2C bus system, but the requirement tSU;DAT ≥ 250 ns must be met. This is
automatically the case of the device does not stretch the LOW period of the I2C_SCL signal. If such a device does stretch the LOW period
I2C_SCL signal, it must output the next data bit to the I2C_SDA line tr_max + tSU;DAT = 1000 + 250 = 1250 ns (according to the standard−mode
I2C bus specification) before the I2C_SCL line is released.
5. Cb equals the total capacitance of one bus line in pF. If mixed with high−speed devices, faster fall times are allowed according to the I2C
specification.
Figure 4. Definition of Timing for Full−Speed Mode Devices on the I2C Bus
I2C INTERFACE
The FUSB301A includes a full I2C slave controller. The
I2C slave fully complies with the I2C specification version 6
requirements. This block is designed for fast mode.
Examples of an I2C write and read sequence are shown
Figure 5 and Figure 6 respectively.
Figure 5. I2C Write Example
NOTE: Single Byte read is initiated by Master with P immediately following first data byte.
Figure 6. I2C Read Example
NOTE: If Register is not specified Master will begin read from current register. In this case only sequence showing in Red bracket
is needed.
Register address to Read specified
Single or multi byte read executed from current register location (Single Byte read
is initiated by Master with NA immediately following first data byte)
I2C ADDRESS
The I2CADDR bit high or low is indicated in bit3 of the
slave address shown in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com