Electronic Components Datasheet Search
  English  ▼

X  

ADV7280 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7280
Description  Oversampled SDTV Video Decoder with Deinterlacer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7280 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7280 Datasheet HTML 20Page - Analog Devices ADV7280 Datasheet HTML 21Page - Analog Devices ADV7280 Datasheet HTML 22Page - Analog Devices ADV7280 Datasheet HTML 23Page - Analog Devices ADV7280 Datasheet HTML 24Page - Analog Devices ADV7280 Datasheet HTML 25Page - Analog Devices ADV7280 Datasheet HTML 26Page - Analog Devices ADV7280 Datasheet HTML 27Page - Analog Devices ADV7280 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADV7280
Data Sheet
Rev. A | Page 24 of 28
VPP Map
The video postprocessor (VPP) map contains registers that
control the I2P core (interlaced-to-progressive converter).
The VPP map has a programmable I2C slave address, which is
programmed using Register 0xFD in the user sub map of the
main map. The default value for the VPP map address is 0x00;
however, the VPP map cannot be accessed until the I2C slave
address is reset. The recommended I2C slave address for the
VPP map is 0x84.
To reset the I2C slave address of the VPP map, write to the
VPP_SLAVE_ADDRESS[7:1] bits in the main register map
(Address 0xFD[7:1]). Set these bits to a value of 0x84 (I2C
write address; I2C read address is 0x85).
CSI Map (ADV7280-M Only)
The CSI map contains registers that control the MIPI CSI-2
output stream from the ADV7280-M.
The CSI map has a programmable I2C slave address, which is
programmed using Register 0xFE in the user sub map of the
main map. The default value for the CSI map address is 0x00;
however, the CSI map cannot be accessed until the I2C slave
address is reset. The recommended I2C slave address for the
CSI map is 0x88.
To reset the I2C slave address of the CSI map, write to the
CSI_TX_SLAVE_ADDRESS[7:1] bits in the main register map
(Address 0xFE[7:1]). Set these bits to a value of 0x88 (I2C write
address; I2C read address is 0x89).
SUB_USR_EN Bits, Address 0x0E[6:5]
The ADV7280/ADV7280-M main map contains three sub maps:
the user sub map, the interrupt/VDP sub map, and User Sub Map 2
(see Figure 14). The user sub map is available by default. The other
two sub maps are accessed using the SUB_USR_EN bits. When
programming of the interrupt/VDP map or User Sub Map 2 is
completed, it is necessary to write to the SUB_USR_EN bits to
return to the user sub map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com