Electronic Components Datasheet Search
  English  ▼

X  

AD9522-2 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9522-2 Datasheet HTML 45Page - Analog Devices AD9522-2 Datasheet HTML 46Page - Analog Devices AD9522-2 Datasheet HTML 47Page - Analog Devices AD9522-2 Datasheet HTML 48Page - Analog Devices AD9522-2 Datasheet HTML 49Page - Analog Devices AD9522-2 Datasheet HTML 50Page - Analog Devices AD9522-2 Datasheet HTML 51Page - Analog Devices AD9522-2 Datasheet HTML 52Page - Analog Devices AD9522-2 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 84 page
background image
Data Sheet
AD9522-2
Rev. A | Page 49 of 84
Table 39. Setting Phase Offset and Division
Divider
Start
High (SH)
Phase
Offset (PO)
Low Cycles
M
High Cycles
N
0
0x191[4]
0x191[3:0]
0x190[7:4]
0x190[3:0]
1
0x194[4]
0x194[3:0]
0x193[7:4]
0x193[3:0]
2
0x197[4]
0x197[3:0]
0x196[7:4]
0x196[3:0]
3
0x19A[4]
0x19A[3:0]
0x199[7:4]
0x199[3:0]
Let
Δt = delay (in seconds).
Δc = delay (in cycles of clock signal at input to DX).
TX = period of the clock signal at the input of the divider, DX (in
seconds).
Φ =
16 × SH[4] + 8 × PO[3] + 4 × PO[2] + 2 × PO[1] + 1 × PO[0]
The channel divide by is set as N = high cycles and M = low
cycles.
Case 1
For Φ ≤ 15,
Δt = Φ × TX
Δc = Δt/TX = Φ
Case 2
For Φ ≥ 16,
Δt = (Φ − 16 + M + 1) × TX
Δc = Δt/TX
By giving each divider a different phase offset, output-to-output
delays can be set in increments of the channel divider input
clock cycle. Figure 52 shows the results of setting such a coarse
offset between outputs.
0
123
45
678
9
10 11 12 13 14 15
Tx
DIVIDER 0
DIVIDER 1
DIVIDER 2
CHANNEL
DIVIDER INPUT
SH = 0
PO = 0
SH = 0
PO = 1
SH = 0
PO = 2
1 × Tx
2 × Tx
CHANNEL DIVIDER OUTPUTS
DIV = 4, DUTY = 50%
Figure 52. Effect of Coarse Phase Offset (or Delay)
Synchronizing the Outputs—SYNC Function
The AD9522 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions. These conditions include the
divider ratio and phase offsets for a given channel divider. This
allows the user to specify different divide ratios and phase offsets
for each of the four channel dividers. Releasing the SYNC pin
allows the outputs to continue clocking with the preset conditions
applied.
Synchronization of the outputs is executed in the following ways:
•
The SYNC pin is forced low and then released (manual sync).
•
By setting and then resetting any one of the following three
bits: the soft SYNC bit (Register 0x230[0]), the soft reset bit
(Register 0x000[5] [mirrored]), and the power-down
distribution reference bit (Register 0x230[1]).
•
Synchronization of the outputs can be executed as part of
the chip power-up sequence.
•
The RESET pin is forced low and then released (chip reset).
•
The PD pin is forced low and then released (chip power-
down).
•
Whenever a VCO calibration is completed, an internal
SYNC signal is automatically asserted at the beginning and
released upon the completion of a VCO calibration.
The most common way to execute the SYNC function is to use
the SYNC pin to perform a manual synchronization of the outputs.
This requires a low going signal on the SYNC pin, which is held
low and then released when synchronization is desired. The
timing of the SYNC operation is shown in Figure 54 (using the
VCO divider) and in Figure 55 (the VCO divider is not used).
There is an uncertainty of up to one cycle of the clock at the
input to the channel divider due to the asynchronous nature of
the SYNC signal with respect to the clock edges inside the
AD9522.
The pipeline delay from the SYNC rising edge to the beginning
of the synchronized output clocking is between 14 cycles and
15 cycles of clock at the channel divider input, plus one cycle of
the VCO divider input (see Figure 54) or one cycle of the channel
divider input (see Figure 55), depending on whether the VCO
divider is used. Cycles are counted from the rising edge of the
signal. In addition, there is an additional 1.2 ns (typical) delay from
the SYNC signal to the internal synchronization logic, as well as
the propagation delay of the output driver. The driver propagation
delay is approximately 100 ps for the LVDS driver and
approximately 1.5 ns for the CMOS driver.
Another common way to execute the SYNC function is by
setting and resetting the soft SYNC bit at Register 0x230[0]. Both
setting and resetting of the soft SYNC bit require an update all
registers (Register 0x232[0] = 1b) operation to take effect.
A SYNC operation brings all outputs that are not excluded (by the
ignore SYNC bit) to a preset condition before allowing the
outputs to begin clocking in synchronicity. The preset condition
takes into account the settings in each of the channel’s start high
bit and its phase offset. These settings govern both the static state
of each output when the SYNC operation is happening and the
state and relative phase of the outputs when they begin clocking
again upon completion of the SYNC operation. A SYNC operation
must take place for the phase offsets setting to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com