Electronic Components Datasheet Search
  English  ▼

X  

AD9522-2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 2 Page - Analog Devices

  AD9522-2 Datasheet HTML 1Page - Analog Devices AD9522-2 Datasheet HTML 2Page - Analog Devices AD9522-2 Datasheet HTML 3Page - Analog Devices AD9522-2 Datasheet HTML 4Page - Analog Devices AD9522-2 Datasheet HTML 5Page - Analog Devices AD9522-2 Datasheet HTML 6Page - Analog Devices AD9522-2 Datasheet HTML 7Page - Analog Devices AD9522-2 Datasheet HTML 8Page - Analog Devices AD9522-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
AD9522-2
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 4
Specifications..................................................................................... 5
Power Supply Requirements ....................................................... 5
PLL Characteristics ...................................................................... 5
Clock Inputs .................................................................................. 8
Clock Outputs ............................................................................... 8
Timing Characteristics ................................................................ 9
Timing Diagrams ..................................................................... 9
Clock Output Additive Phase Noise (Distribution Only; VCO
Divider Not Used) ...................................................................... 10
Clock Output Absolute Phase Noise (Internal VCO Used).. 11
Clock Output Absolute Time Jitter (Clock Generation Using
Internal VCO)............................................................................. 11
Clock Output Absolute Time Jitter (Clock Cleanup Using
Internal VCO)............................................................................. 11
Clock Output Absolute Time Jitter (Clock Generation Using
External VCXO) ......................................................................... 12
Clock Output Additive Time Jitter (VCO Divider Not Used)
....................................................................................................... 12
Clock Output Additive Time Jitter (VCO Divider Used) ..... 13
Serial Control Port—SPI Mode ................................................ 13
Serial Control Port—I²C Mode ................................................ 14
PD, SYNC, and RESET Pins ..................................................... 15
Serial Port Setup Pins: SP1, SP0 ............................................... 15
LD, STATUS, and REFMON Pins............................................ 15
Power Dissipation....................................................................... 16
Absolute Maximum Ratings.......................................................... 17
Thermal Resistance .................................................................... 17
ESD Caution................................................................................ 17
Pin Configuration and Function Descriptions........................... 18
Typical Performance Characteristics ........................................... 21
Test Circuits..................................................................................... 26
Terminology .................................................................................... 27
Detailed Block Diagram ................................................................ 28
Theory of Operation ...................................................................... 29
Operational Configurations...................................................... 29
Mode 0: Internal VCO and Clock Distribution ................. 29
Mode 1: Clock Distribution or External VCO < 1600 MHz
.................................................................................................. 31
Mode 2: High Frequency Clock Distribution—CLK or
External VCO > 1600 MHz .................................................. 33
Phase-Locked Loop (PLL) .................................................... 35
Configuration of the PLL ...................................................... 35
Phase Frequency Detector (PFD) ........................................ 35
Charge Pump (CP)................................................................. 35
On-Chip VCO ........................................................................ 36
PLL External Loop Filter....................................................... 36
PLL Reference Inputs............................................................. 36
Reference Switchover............................................................. 37
Reference Divider R ............................................................... 37
VCO/VCXO Feedback Divider N: P, A, B .......................... 37
Digital Lock Detect (DLD) ................................................... 39
Analog Lock Detect (ALD)................................................... 39
Current Source Digital Lock Detect (CSDLD) .................. 39
External VCXO/VCO Clock Input (CLK/CLK)................ 40
Holdover.................................................................................. 40
External/Manual Holdover Mode........................................ 40
Automatic/Internal Holdover Mode.................................... 40
Frequency Status Monitors ................................................... 42
VCO Calibration .................................................................... 42
Zero Delay Operation................................................................ 45
Internal Zero Delay Mode..................................................... 45
External Zero Delay Mode.................................................... 45
Clock Distribution ..................................................................... 46
Operation Modes ................................................................... 46
Clock Frequency Division..................................................... 47
VCO Divider........................................................................... 47
Channel Dividers ................................................................... 47
Synchronizing the Outputs—SYNC Function ................... 49
LVDS Output Drivers ............................................................ 50
CMOS Output Drivers .......................................................... 51
Reset Modes ................................................................................ 51
Power-On Reset...................................................................... 51
Hardware Reset via the RESET Pin ..................................... 51
Soft Reset via the Serial Port................................................. 51
Soft Reset to Settings in EEPROM when EEPROM Pin = 0 via
the Serial Port ......................................................................... 51
Rev. A | Page 2 of 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com