Electronic Components Datasheet Search
  English  ▼

X  

AD9522-2 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9522-2 Datasheet HTML 68Page - Analog Devices AD9522-2 Datasheet HTML 69Page - Analog Devices AD9522-2 Datasheet HTML 70Page - Analog Devices AD9522-2 Datasheet HTML 71Page - Analog Devices AD9522-2 Datasheet HTML 72Page - Analog Devices AD9522-2 Datasheet HTML 73Page - Analog Devices AD9522-2 Datasheet HTML 74Page - Analog Devices AD9522-2 Datasheet HTML 75Page - Analog Devices AD9522-2 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
AD9522-2
Data Sheet
Reg.
Addr
(Hex) Bit(s) Name
Description
018
[4]
Digital lock
detect window
If the time difference of the rising edges at the inputs to the PFD are less than the lock detect window time, the
digital lock detect flag is set. The flag remains set until the time difference is greater than the loss-of-lock threshold.
[4] = 0; high range. The default setting is 3.5 ns.
[4] = 1; low range.
018
[3]
Disable digital
lock detect
Digital lock detect operation.
[3] = 0; normal lock detect operation (default).
[3] = 1; disable lock detect.
018
[2:1] VCO calibration
divider
Divider used to generate the VCO calibration clock from the PLL reference clock (see the VCO Calibration section
for the recommended setting of the VCO calibration divider based on the PFD rate).
[2]
[1]
VCO Calibration Clock Divider
0
0
2. This setting is fine for PFD frequencies < 12.5 MHz. The PFD frequency is fREF/R.
0
1
4. This setting is fine for PFD frequencies < 25 MHz. The PFD frequency is fREF/R.
1
0
8. This setting is fine for PFD frequencies < 50 MHz.
1
1
16 (default). This setting is fine for any PFD frequency, but results in the longest VCO calibration time.
018
[0]
VCO calibration
now
Bit used to initiate the VCO calibration. This bit must be toggled from 0 to 1 in the active registers. The
sequence to initiate a calibration follows: program to 0, followed by an IO_UPDATE bit (Register 0x232[0]);
then program to 1, followed by another IO_UPDATE bit (Register 0x232[0]). This sequence gives complete
control over when the VCO calibration occurs relative to the programming of other registers that can impact
the calibration (default = 0). Note that the VCO divider (Register 0x1E0[2:0]) must not be static during VCO
calibration.
019
[7:6] R, A, B counters
SYNC pin reset
[7]
[6]
Action
0
0
Do nothing on SYNC (default).
0
1
Asynchronous reset.
1
0
Synchronous reset.
1
1
Do nothing on SYNC.
019
[5:3] R path delay
R path delay, see Table 2 (default: 0x0).
019
[2:0] N path delay
N path delay, see Table 2 (default: 0x0).
01A
[7]
Enable STATUS
pin divider
Enables a divide-by-4 on the STATUS pin. This makes it easier to look at low duty-cycle signals out of the
R and N dividers.
[7] = 0; divide-by-4 disabled on STATUS pin (default).
[7] = 1; divide-by-4 enabled on STATUS pin.
01A
[6]
Ref freq monitor
threshold
Sets the reference (REF1/REF2) frequency monitor’s detection threshold frequency. This does not affect the VCO
frequency monitor’s detection threshold (see Table 17, REF1, REF2, and VCO frequency status monitor parameter).
[6] = 0; frequency valid if frequency is above 1.02 MHz (default).
[6] = 1; frequency valid if frequency is above 8 kHz.
01A
[5:0] LD pin
control
Selects the signal that is connected to the LD pin.
[5] [4] [3]
[2]
[1]
[0]
Level or
Dynamic
Signal
Signal at LD Pin
0
0
0
0
0
0
LVL
Digital lock detect (high = lock; low = unlock, default).
0
0
0
0
0
1
DYN
P-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
0
DYN
N-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
1
HIZ
Tristate (high-Z) LD pin.
0
0
0
1
0
0
CUR
Current source lock detect (110 µA when DLD is true).
0
X
X
X
X
X
LVL
Ground (dc); for all other cases of 0XXXXX not specified.
The selections that follow are the same as for REFMON.
1
0
0
0
0
0
LVL
Ground (dc).
1
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in
differential mode).
1
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
Rev. A | Page 72 of 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com