Electronic Components Datasheet Search
  English  ▼

X  

AD9528 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9528 Datasheet HTML 43Page - Analog Devices AD9528 Datasheet HTML 44Page - Analog Devices AD9528 Datasheet HTML 45Page - Analog Devices AD9528 Datasheet HTML 46Page - Analog Devices AD9528 Datasheet HTML 47Page - Analog Devices AD9528 Datasheet HTML 48Page - Analog Devices AD9528 Datasheet HTML 49Page - Analog Devices AD9528 Datasheet HTML 50Page - Analog Devices AD9528 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 47 of 67
The second step in evaluating the operating conditions is to
multiply the power dissipated by the thermal impedance to
determine the maximum power gradient. For this example, a
thermal impedance of θJA = 21.1°C/W was used.
Example 1
(1358 mW × 21.1°C/W) = 29°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 29°C = 114°C
This junction temperature is below the maximum allowable.
Example 2
(1630 mW × 21.1°C/W) = 34°C
With an ambient temperature of 85°C, the junction temperature is
TJ = 85°C + 34°C = 119°C
This junction temperature is greater than the maximum
allowable. The ambient temperature must be lowered by 4°C to
operate in the condition of Example 2.
THERMALLY ENHANCED PACKAGE MOUNTING
GUIDELINES
See the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP), for more
information about mounting devices with an exposed paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com