Electronic Components Datasheet Search
  English  ▼

X  

MLX90129 Datasheet(PDF) 39 Page - Melexis Microelectronic Systems

Part # MLX90129
Description  13.56MHZ SENSOR TAG / DATALOGGER IC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90129 Datasheet(HTML) 39 Page - Melexis Microelectronic Systems

Back Button MLX90129 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 38Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 39Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 40Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 41Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 42Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 43Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
MLX90129
13.56MHZ SENSOR TAG / DATALOGGER IC
Page 39 of 60
REVISION 011 - JUNE 13, 2017
3901090129
Interrupt of DMA process
The microcontroller or the RFID base-station can read the DMA status register and access the DMA configuration register to start
and control the DMA processing. At any time, they can hold the DMA process and check the current status of the copied data
(telling how many words have been copied). Then, they can change the DMA configuration to a new one or continue the
processing. While the DMA is processing data or is on hold, any change of the parameters in the DMA configuration words does
not cause the expected changes in the behaviour.
End of DMA process
At the end of the sequence, the MLX90129 may enter its sleep mode or its stand-by mode. During the Sleep mode, the system
may be interrupted by a RFID field, or by the SS line asserted low during 1.5ms.
Command[7:0]
MOSI
SCK
SS
t
Wake_up =1.5 ms
9.1.3. Setup of the Automatic Logging Mode
Setup
In order to enable the automatic logging mode, the following sequence must be run:
_ Setup the DMA configuration word
_ Setup the DMA source start address, DMA destination start address and the DMA length.
_ If an external EEPROM is used, setup the SPI-master configuration and command word
_ setup the sensor interface configurations in the EEPROM.
_ Setup the Sensor control word and the Sensor thresholds words (if required)
_ Setup the Wake-up Timer configuration word
_ Setup the logging period in the wake-up timer
_ To enable the DMA operation, the bit Processing Control of the DMA configuration register must be reset.
_ Set the bit Automatic Logging enable in the wake-up timer configuration to ’1’.
All these actions can be performed automatically after the system boot: the required configuration can be set in the EEPROM.
Then, after power-on, the system reads this configuration and performs the programmed actions. It is not mandatory to store all
the data from a sensor at each iteration, but only the data fitting the conditions defined in the bits Data logging control of the
register word called Sensor[x] Control word.
Logging several sensors and time-stamp
When more than one sensor is selected as a source of automatic logging, the DMA stores subsequently all the sensor output data
in the selected memory. The stored data has a prefix to identify them:
Bit
15:14
13:0
Definition
Prefix
ADC output code
The prefix code is defined in the following table:
Prefix code
Related sensor or parameter
00
Sensor 0
01
Sensor 1
10
Sensor 2
11
Iteration index (Time stamp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com