Electronic Components Datasheet Search
  English  ▼

X  

MLX90129 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90129
Description  13.56MHZ SENSOR TAG / DATALOGGER IC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90129 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90129 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
MLX90129
13.56MHZ SENSOR TAG / DATALOGGER IC
Page 2 of 60
REVISION 011 - JUNE 13, 2017
3901090129
1. Functional Diagram
MLX90129
VSS
SENS2
SENS1
SENSSUP1
Sensor 1
Sensor 2
VFIELD
VBAT
Optional: Battery
Optional:
MICRO-
CONTROLLER
or
Serial SPI
EEPROM
SENS4
SENS3
SENSSUP2
COIL1
COIL2
RFID
antenna
XIN
XOUT
Optional: Crystal
AT
Internal
Temperature
sensor
2. General Description
The MLX90129 combines a precise analog acquisition chain
for external resistive sensors, with a wide range of interface
possibilities.
It can be accessed and controlled through its ISO15693 RFID
front-end or via its SPI port.
Without any other components than a 13.56MHz tuned
antenna, it becomes an RFID temperature sensor.
For measuring other parameters, one or two resistive
sensors can be connected to create a battery-less sensing
point. The chip also provides a regulated voltage, derived
from the RFID field, that can be used to supply the external
sensing electronics of the application.
Adding a battery will enable the use of the standalone data
logging mode. The sensor output data is stored in the
internal 3.5kbits user memory. One can extend the storage
capacity by connecting an external EEPROM to the SPI port.
The SPI port can also connect the MLX90129 to a
microcontroller which allows more specific applications, like
adding actuating capability, LED driving
The MLX90129 has been optimized for low power, low
voltage battery and battery-less applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com