Electronic Components Datasheet Search
  English  ▼

X  

MLX90129 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90129
Description  13.56MHZ SENSOR TAG / DATALOGGER IC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90129 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90129 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90129 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MLX90129
13.56MHZ SENSOR TAG / DATALOGGER IC
Page 21 of 60
REVISION 011 - JUNE 13, 2017
3901090129
Summary of the main, supported protocol parts
Data element
Data Element
Supported
UID (Unique Identifier)
Yes
AFI (Application Family Identifier)
No
DSFID (Data Storage Format Identifier)
No
CRC
Yes
Security status
No
Protocol
Request Flag
Supported
Sub-Carriers
Yes
Data-rates
No
Inventory
Yes
Protocol extension
No
Select
Yes
Address
Yes
Options (write single block command
only)
Yes
Response Flag
Supported
Error
Yes
Anti-collision: Supported
Command frame
The content of the data included in the frame of a communication request, and the response from the MLX90129 to the base-
station depends on the command opcode. The meaning of the flags, the equation of the CRC, the description of the Start-Of-
Frame, the End-Of-Frame and the unique identifier number (UID), the meaning of the error codes… are included in the standard
ISO-15693 layers 2 and 3.
Request format for ISO15693 commands:
SOF
Flags
Command code
(UID)
(Data)
CRC 16
EOF
8 bits
8 bits
64 bits
x bits
16 bits
0XXX 0X1X (bin)
XX (hex)
Optional
Request format for MLX90129commands:
SOF
Flags
Command code
(UID)
(Data)
CRC 16
EOF
8 bits
16 bits
64 bits
x bits
16 bits
00XX 0X1X (bin)
XX1F (hex)
Optional
Optional
Response format without data when Error_flag is NOT set:
SOF
Flags
CRC 16
EOF
8 bits
16 bits
0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com