Electronic Components Datasheet Search
  English  ▼

X  

AP431S Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP431S
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431S Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP431S Datasheet HTML 3Page - Diodes Incorporated AP431S Datasheet HTML 4Page - Diodes Incorporated AP431S Datasheet HTML 5Page - Diodes Incorporated AP431S Datasheet HTML 6Page - Diodes Incorporated AP431S Datasheet HTML 7Page - Diodes Incorporated AP431S Datasheet HTML 8Page - Diodes Incorporated AP431S Datasheet HTML 9Page - Diodes Incorporated AP431S Datasheet HTML 10Page - Diodes Incorporated AP431S Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
AP431S
Document number: DS39195 Rev. 1 - 2
7 of 17
www.diodes.com
January 2017
© Diodes Incorporated
AP431S
Performance Characteristics
Reference Voltage vs. Ambient Temperature
Reference Current vs. Ambient Temperature
Minimal Cathode Current for Regulation
Minimal Cathode Current for Regulation
at Different Ambient Temperature
Cathode Current vs. Cathode Voltage
Ratio of Delta Reference Voltage to Delta
Cathode Voltage vs. Case Temperature
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-200
-150
-100
-50
0
50
100
150
200
I
KA
(MIN)
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
200
I
KA
(MIN)
Cathode Voltage (V)
V
KA
=V
REF
T
A
=-40
oC
T
A
=25
oC
T
A
=125
oC
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-100
-80
-60
-40
-20
0
20
40
60
80
100
V
KA
=V
REF
T
A
=25
oC
Cathode Voltage (V)
-50
-25
0
25
50
75
100
125
2.470
2.475
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
Ambient Temperature (
oC)
V
KA
=V
REF
I
KA
=1mA
-50
-25
0
25
50
75
100
125
0.10
0.12
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
Ambient Temperature (
oC)
R1=10K, R2=Infinite
I
KA
=1mA
-50
-25
0
25
50
75
100
125
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
Case Temperature (
oC)
V
KA
=3V to 36V
I
KA
=1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com