Electronic Components Datasheet Search
  English  ▼

X  

AP431S Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP431S
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431S Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP431S Datasheet HTML 6Page - Diodes Incorporated AP431S Datasheet HTML 7Page - Diodes Incorporated AP431S Datasheet HTML 8Page - Diodes Incorporated AP431S Datasheet HTML 9Page - Diodes Incorporated AP431S Datasheet HTML 10Page - Diodes Incorporated AP431S Datasheet HTML 11Page - Diodes Incorporated AP431S Datasheet HTML 12Page - Diodes Incorporated AP431S Datasheet HTML 13Page - Diodes Incorporated AP431S Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP431S
Document number: DS39195 Rev. 1 - 2
10 of 17
www.diodes.com
January 2017
© Diodes Incorporated
AP431S
Ordering Information
G1 : Green
AP431S X X X - X
Packing
Voltage Tolerance
Product Name
Package
RoHS/Green
N/N1 : SOT23
R : SOT89
Z : TO92
TR: Tape & Reel
or Ammo
A : 2.5V/ 0.5%
B : 2.5V/1.0%
HA : 2.495V/ 0.5%
HB : 2.495V/1.0%
Package
Package
Code
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing
SOT23
N
-40 to +125°C
0.5%
AP431SANTR-G1
GCA
3,000/Tape & Reel
N1
0.5%
AP431SAN1TR-G1
GCC
N
0.5%
AP431SHANTR-G1
GCD
N1
0.5%
AP431SHAN1TR-G1
GCE
N
1.0%
AP431SBNTR-G1
GCB
N1
1.0%
AP431SBN1TR-G1
GCF
N
1.0%
AP431SHBNTR-G1
GCG
N1
1.0%
AP431SHBN1TR-G1
GCH
SOT89
R
-40 to +125°C
0.5%
AP431SARTR-G1
G33M
1,000/Tape & Reel
R
0.5%
AP431SHARTR-G1
G37M
R
1.0%
AP431SBRTR-G1
G33R
R
1.0%
AP431SHBRTR-G1
G33S
TO92
Z
-40 to +125°C
0.5%
AP431SAZTR-G1
AP431SAZ-G1
2,000/Ammo
Z
0.5%
AP431SHAZTR-G1
AP431SHAZ-G1
Z
1.0%
AP431SBZTR-G1
AP431SBZ-G1
Z
1.0%
AP431SHBZTR-G1
AP431SHBZ-G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com