Electronic Components Datasheet Search
  English  ▼

X  

AP431S Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP431S
Description  LOW CATHODE CURRENT ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431S Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP431S Datasheet HTML 4Page - Diodes Incorporated AP431S Datasheet HTML 5Page - Diodes Incorporated AP431S Datasheet HTML 6Page - Diodes Incorporated AP431S Datasheet HTML 7Page - Diodes Incorporated AP431S Datasheet HTML 8Page - Diodes Incorporated AP431S Datasheet HTML 9Page - Diodes Incorporated AP431S Datasheet HTML 10Page - Diodes Incorporated AP431S Datasheet HTML 11Page - Diodes Incorporated AP431S Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AP431S
Document number: DS39195 Rev. 1 - 2
8 of 17
www.diodes.com
January 2017
© Diodes Incorporated
AP431S
Performance Characteristics (Cont.)
Off-state Cathode Current vs. Ambient Temperature
Small Signal Voltage Gain vs. Frequency
Stability Boundary Conditions
-50
-25
0
25
50
75
100
125
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Ambient Temperature (
oC)
V
KA
=36V
V
REF
=0V
1k
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
Frequency (Hz)
I
KA
=10mA
T
A
=25
oC
1E-3
0.01
0.1
1
10
100
0
20
40
60
80
100
Stable
Stable
V
KA
=V
REF
V
KA
=5V
V
KA
=10V: No Oscillation
V
KA
=15V: No Oscillation
Unstable
Load Capacitance (F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com