Electronic Components Datasheet Search
  English  ▼

X  

SLA6820MH Datasheet(PDF) 7 Page - Sanken electric

Part # SLA6820MH
Description  250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA6820MH Datasheet(HTML) 7 Page - Sanken electric

Back Button SLA6820MH Datasheet HTML 3Page - Sanken electric SLA6820MH Datasheet HTML 4Page - Sanken electric SLA6820MH Datasheet HTML 5Page - Sanken electric SLA6820MH Datasheet HTML 6Page - Sanken electric SLA6820MH Datasheet HTML 7Page - Sanken electric SLA6820MH Datasheet HTML 8Page - Sanken electric SLA6820MH Datasheet HTML 9Page - Sanken electric SLA6820MH Datasheet HTML 10Page - Sanken electric SLA6820MH Datasheet HTML 11Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SLA/SMA6820MH Series
SLA/SMA6820MH-DSE Rev.2.0
SANKEN ELECTRIC CO., LTD.
7
Dec. 12, 2016
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2013
3.4.2.
SMA6821MH
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-to-Source Leakage Current
IDSS
VDS = 250 V, VIN = 0 V
—
—
100
µA
Drain-to-Source Saturation
Voltage
RDS(ON)
ID = 1.0 A, VIN = 5 V
—
1.25
1.5
Ω
Source-to-Drain Diode Forward
Voltage
VSD
ISD = 1.0 A, VIN = 0 V
—
1.1
1.5
V
High-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 150 V, ID = 2.0 A,
VIN = 0 ~ 5 V, TJ = 25 °C,
inductive load
—
65
—
ns
Turn-on Delay Time
td(on)
—
430
—
ns
Rise Time
tr
—
55
—
ns
Turn-off Delay Time
td(off)
—
355
—
ns
Fall Time
tf
—
20
—
ns
Low-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 150 V, ID = 2.0 A,
VIN = 0 ~ 5 V, TJ = 25 °C,
inductive load
—
65
—
ns
Turn-on Delay Time
td(on)
—
505
—
ns
Rise Time
tr
—
60
—
ns
Turn-off Delay Time
td(off)
—
495
—
ns
Fall Time
tf
—
20
—
ns
3.4.3.
SMA6822MH
Characteristic
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-to-Source Leakage Current
IDSS
VDS = 500 V, VIN = 0 V
—
—
100
µA
Drain-to-Source Saturation
Voltage
RDS(ON)
ID = 0.75 A, VIN = 5 V
—
3.2
4.0
Ω
Source-to-Drain Diode Forward
Voltage
VSD
ISD = 0.75 A, VIN = 0 V
—
1.1
1.5
V
High-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 300 V, ID = 1.5 A,
VIN = 0 ~ 5 V, TJ = 25 °C,
inductive load
—
120
—
ns
Turn-on Delay Time
td(on)
—
485
—
ns
Rise Time
tr
—
85
—
ns
Turn-off Delay Time
td(off)
—
420
—
ns
Fall Time
tf
—
30
—
ns
Low-side Switching
Source-to-Drain Diode Reverse
Recovery Time
trr
VDC = 300 V, ID = 1.5 A,
VIN = 0 ~ 5 V, TJ = 25 °C,
inductive load
—
130
—
ns
Turn-on Delay Time
td(on)
—
620
—
ns
Rise Time
tr
—
100
—
ns
Turn-off Delay Time
td(off)
—
585
—
ns
Fall Time
tf
—
25
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com